| Electronic Components Datasheet Search |
|
LPC1850 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1850 Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 84 page ![]() LPC1850_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 1 — 3 January 2011 7 of 84 NXP Semiconductors LPC1850/30/20/10 32-bit ARM Cortex-M3 microcontroller P1_0[2] P2 I; PU I/O GPIO0[4] — General purpose digital input/output pin. I CTIN_3 — SCT input 3. Capture input 1 of timer 1. I/O EXTBUS_A5 — External memory address line 5. -n.c. P1_1[2] R2 I; PU I/O GPIO0[8] — General purpose digital input/output pin. O CTOUT_7 — SCT output 7. Match output 3 of timer 1. I/O EXTBUS_A6 — External memory address line 6. Boot control pin 0 (see Table 5). -n.c. P1_2[2] R3 I; PU I/O GPIO0[9] — General purpose digital input/output pin. O CTOUT_6 — SCT output 6. Match output 2 of timer 1. I/O EXTBUS_A7 — External memory address line 7. Boot control pin 1 (see Table 5). -n.c. P1_3[2] P5 I; PU I/O GPIO0[10] — General purpose digital input/output pin. O CTOUT_8 — SCT output 8. Match output 0 of timer 2. -n.c. O EXTBUS_OE — LOW active Output Enable signal. P1_4[2] T3 I; PU I/O GPIO0[11] — General purpose digital input/output pin. O CTOUT_9 — SCT output 9. Match output 1 of timer 2. -n.c. O EXTBUS_BLS0 — LOW active Byte Lane select signal 0. P1_5[2] R5 I; PU I/O GPIO1[8] — General purpose digital input/output pin. O CTOUT_10 — SCT output 10. Match output 2 of timer 2. -n.c. O EXTBUS_CS0 — LOW active Chip Select 0 signal. P1_6[2] T4 I; PU I/O GPIO1[9] — General purpose digital input/output pin. I CTIN_5 — SCT input 5. Capture input 2 of timer 2. -n.c. O EXTBUS_WE — LOW active Write Enable signal. P1_7[2] T5 I; PU I/O GPIO1[0] — General purpose digital input/output pin. I U1_DSR — Data Set Ready input for UART1. O CTOUT_13 — SCT output 13. Match output 1 of timer 3. I/O EXTBUS_D0 — External memory data line 0. P1_8[2] R7 I; PU I/O GPIO1[1] — General purpose digital input/output pin. O U1_DTR — Data Terminal Ready output for UART1. O CTOUT_12 — SCT output 12. Match output 0 of timer 3. I/O EXTBUS_D1 — External memory data line 1. Table 3. Pin description …continued Symbol Reset state [1] Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |