| Electronic Components Datasheet Search |
|
LPC1850 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1850 Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 84 page ![]() LPC1850_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 1 — 3 January 2011 8 of 84 NXP Semiconductors LPC1850/30/20/10 32-bit ARM Cortex-M3 microcontroller P1_9[2] T7 I; PU I/O GPIO1[2] — General purpose digital input/output pin. O U1_RTS — Request to Send output for UART1. O CTOUT_11 — SCT output 11. Match output 3 of timer 2. I/O EXTBUS_D2 — External memory data line 2. P1_10[2] R8 I; PU I/O GPIO1[3] — General purpose digital input/output pin. I U1_RI — Ring Indicator input for UART1. O CTOUT_14 — SCT output 14. Match output 2 of timer 3. I/O EXTBUS_D3 — External memory data line 3. P1_11[2] T9 I; PU I/O GPIO1[4] — General purpose digital input/output pin. I U1_CTS — Clear to Send input for UART1. O CTOUT_15 — SCT output 15. Match output 3 of timer 3. I/O EXTBUS_D4 — External memory data line 4. P1_12[2] R9 I; PU I/O GPIO1[5] — General purpose digital input/output pin. I U1_DCD — Data Carrier Detect input for UART1. -n.c. I/O EXTBUS_D5 — External memory data line 5. P1_13[2] R10 I; PU I/O GPIO1[6] — General purpose digital input/output pin. O U1_TXD — Transmitter output for UART1. -n.c. I/O EXTBUS_D6 — External memory data line 6. P1_14[2] R11 I; PU I/O GPIO1[7] — General purpose digital input/output pin. I U1_RXD — Receiver input for UART1. -n.c. I/O EXTBUS_D7 — External memory data line 7. P1_15[2] T12 I; PU I/O GPIO0[2] — General purpose digital input/output pin. O U2_TXD — Transmitter output for UART2. -n.c. I ENET_RXD0 — Ethernet receive data 0 (RMII/MII interface). P1_16[2] M7 I; PU I/O GPIO0[3] — General purpose digital input/output pin. I U2_RXD — Receiver input for UART2. -n.c. I ENET_CRS (ENET_CRS_DV) — Ethernet Carrier Sense (MII interface) or Ethernet Carrier Sense/Data Valid (RMII interface). P1_17[2] M8 I; PU I/O GPIO0[12] — General purpose digital input/output pin. I/O U2_UCLK — Serial clock input/output for UART2 in synchronous mode. -n.c. I/O ENET_MDIO — Ethernet MIIM data input and output. Table 3. Pin description …continued Symbol Reset state [1] Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |