Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV8680 Datasheet(PDF) 6 Page - CML Microcircuits

Part # EV8680
Description  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button EV8680 Datasheet HTML 2Page - CML Microcircuits EV8680 Datasheet HTML 3Page - CML Microcircuits EV8680 Datasheet HTML 4Page - CML Microcircuits EV8680 Datasheet HTML 5Page - CML Microcircuits EV8680 Datasheet HTML 6Page - CML Microcircuits EV8680 Datasheet HTML 7Page - CML Microcircuits EV8680 Datasheet HTML 8Page - CML Microcircuits EV8680 Datasheet HTML 9Page - CML Microcircuits EV8680 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Evaluation Kit for CMX868
EV8680
© 2000 Consumer Microcircuits Limited
6
UM8680/2
The Dial and Answer commands will execute the relevant DTMF transmit, call progress tone detection
and negotiation (handshaking) firmware routines before a connection to a remote modem/simulator
can be established. Negotiation may be aborted by pushing any key.
Note, if the S0 register is modified to a non-zero value during this operating mode, the CMX868 status
register will be polled every 20ms to check for ring detect status.
If valid ringing is detected the
EV8680 Evaluation board will automatically answer a call after n ring cycles. Where n is equivalent to
the contents of the S0 register.
Data Transfer Mode
After gaining a connection (i.e. successful negotiation) with a remote modem the board will be
operating in data transfer mode. In this mode the board will transmit all the data it receives from the
RS232 computer terminal to the remote modem via the 2-wire line. Likewise any data received from
the remote modem via the 2-wire line will be sent to RS232 computer terminal.
Whilst operating in this mode the data stream from the RS232 computer terminal is monitored for the
escape code sequence (+++). If this sequence is encountered during data transfer the firmware will
revert to on-line AT command mode.
Whilst in on-line AT command mode the board to remote
modem connection may be aborted by typing ATH0 (instructs modem to go on-hook). Alternatively
the user can enter relevant AT commands or return to data transfer mode by using the ATO
command.
The modem line speed is much lower than the speed of the RS232 interface (RS232 is running at
19200bps) and the EV8680 firmware only provides a small amount of data buffering. Therefore to
prevent the data buffer from overflowing the data flow between the µC and RS232 is controlled by the
RTS/CTS (Request/Clear to Send) hardware handshake lines.
The CMX868 settings used during negotiation and data transfer will be based on the contents of the
S-registers when the call was originated or answered. The S-registers are described in Section 1.6.3.
Certain S-register settings (relevant to the CMX868 configuration), modified during on-line AT
command mode, will only take effect when a new call is originated or answered. For example, new
CMX868 Tx gain settings (S25 register) modified in on-line AT command mode will be ignored until the
next call.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com