Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV8680 Datasheet(PDF) 1 Page - CML Microcircuits

Part # EV8680
Description  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 Datasheet(HTML) 1 Page - CML Microcircuits

  EV8680 Datasheet HTML 1Page - CML Microcircuits EV8680 Datasheet HTML 2Page - CML Microcircuits EV8680 Datasheet HTML 3Page - CML Microcircuits EV8680 Datasheet HTML 4Page - CML Microcircuits EV8680 Datasheet HTML 5Page - CML Microcircuits EV8680 Datasheet HTML 6Page - CML Microcircuits EV8680 Datasheet HTML 7Page - CML Microcircuits EV8680 Datasheet HTML 8Page - CML Microcircuits EV8680 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
EV8680
Evaluation Kit
User Manual
© 2000 Consumer Microcircuits Limited
UM8680/2 November 2000
Advance Information
1.0
Features
•• CMX868 Product Evaluation
•• PC Controlled via Terminal Emulator
•• Fully Isolated 2-Wire Line Interface
•• DIP or SOIC Product Evaluation
•• Modem Calling/Answering Demonstrations
•• User’s Prototyping Area
•• ‘AT’ Command Compatible Firmware
•• On-Board PIC Programming
•• Opto Isolated Ring Detect Circuitry and
OptoMOS Hook Relay
•• Socketed Space for Optional Telco-
Specific Components
•• Single Power Supply Operation with On-
Board Regulator
•• Socketed Components and Links for
Circuit Adjustment
1.1
Brief Description
The EV8680 Evaluation Kit comprises a single board containing a CMX868 V.22 bis Modem IC, line interface
components and a PIC
µC with serial communications port for interfacing to a PC. AT Commands are used to
control the evaluation board via standard terminal emulators.
The board is powered from a single 8 - 14V dc power supply; an on-board regulator and two discrete
components set VDD to provide 2.7 Volt or 5.0 Volt operation. LEDs indicate carrier detect and hook relay
status. The CMX868 may be driven from an external clock, or from the on-board crystal oscillator.
Removal of jumpers allows the user to measure device current and also to disconnect the ‘C-BUS’ control
lines from the on-board
µC to allow control from an external system. Important signals can be monitored via
test points and header pins.
The evaluation board has a 2-wire line interface to provide line matching and dc isolation. This 2-wire interface
is connected to the line using an OptoMOS relay.
The CMX868 and
µC are fitted in DIL sockets for easy replacement. Where components are telco-specific
(line impedance, line protection, etc.) space is provided for the user to add appropriate components.


Similar Part No. - EV8680

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
EV8-12R-Q PANDUIT-EV8-12R-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
EV8-14R-Q PANDUIT-EV8-14R-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
EV8-38R-Q PANDUIT-EV8-38R-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
EV8-56R-Q PANDUIT-EV8-56R-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
EV8-8R-Q PANDUIT-EV8-8R-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
More results

Similar Description - EV8680

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com