Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV8680 Datasheet(PDF) 19 Page - CML Microcircuits

Part # EV8680
Description  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 Datasheet(HTML) 19 Page - CML Microcircuits

Back Button EV8680 Datasheet HTML 15Page - CML Microcircuits EV8680 Datasheet HTML 16Page - CML Microcircuits EV8680 Datasheet HTML 17Page - CML Microcircuits EV8680 Datasheet HTML 18Page - CML Microcircuits EV8680 Datasheet HTML 19Page - CML Microcircuits EV8680 Datasheet HTML 20Page - CML Microcircuits EV8680 Datasheet HTML 21Page - CML Microcircuits EV8680 Datasheet HTML 22Page - CML Microcircuits EV8680 Datasheet HTML 23Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Evaluation Kit for CMX868
EV8680
© 2000 Consumer Microcircuits Limited
19
UM8680/2
CML Specific EV8680 AT Commands
Command
Description
@Fn
Test Functions
Syntax: AT@Fn<CR>
Modifier Usage
n=0 Reserved.
n=1 Reserved.
n=2 Delay 100ms.
n=3 Delay 1s.
n=4 Initiate BERT as Rx End.
n=5 Initiate BERT as Rx End.
n=6 CMX868 Status Register Monitor Function 1. Continuously reads and displays
the contents of the Status register. The update rate is based on the S19 register
setting. The function may be aborted by pushing any key.
n=7 CMX868 Status Register Monitor Function 2. Reads and displays the contents
of the Status register when an interrupt occurs. Error message returned after 30
seconds if IRQN does not go low. User must enable IRQN output and set the
appropriate IRQ Mask bit before executing this test command.
n=8 Reserved.
n=9 Reserved.
@RR
CMX868 Device Reset
Sends the General Reset Command to the CMX868 device.
Syntax: AT@RR<CR>
@Rn?
CMX868 Register Read
Command for displaying the contents of a CMX868 device register
Syntax: AT@Rn?<CR>
where n is a valid CMX868 register address (hexadecimal).
Value returned is either in decimal (default) or hex format depending on the setting
of Bit 4 in the S14 register.
@Rn=x
CMX868 Register Write
Command for writing to a CMX868 device register.
Syntax: AT@Rn=x<CR>
where n is a valid CMX868 register address (hexadecimal) and x is the value to be
written (decimal).
8-bit register values should be between 0-255, whilst 16-bit
register values should be between 0-65535.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com