Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV8680 Datasheet(PDF) 8 Page - CML Microcircuits

Part # EV8680
Description  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button EV8680 Datasheet HTML 4Page - CML Microcircuits EV8680 Datasheet HTML 5Page - CML Microcircuits EV8680 Datasheet HTML 6Page - CML Microcircuits EV8680 Datasheet HTML 7Page - CML Microcircuits EV8680 Datasheet HTML 8Page - CML Microcircuits EV8680 Datasheet HTML 9Page - CML Microcircuits EV8680 Datasheet HTML 10Page - CML Microcircuits EV8680 Datasheet HTML 11Page - CML Microcircuits EV8680 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Evaluation Kit for CMX868
EV8680
© 2000 Consumer Microcircuits Limited
8
UM8680/2
CONNECTOR PINOUT
Connector
Ref.
Connector
Pin No.
Signal
Name
Signal
Type
Description
J4
1
DCD
Output
Connection to PC DCD
2
TXD
Output
Connection to PC RXD
3
RXD
Input
Connection to PC TXD
4
DTR
Input
Connection to PC DTR
5
VSS
Power
Connection to PC 0V common
6
DSR
Output
Connection to PC DSR
7
RTS
Input
Connection to PC RTS
8
CTS
Output
Connection to PC CTS
9
RI
Output
Connection to PC RI
J5
1
VIN
Power
+ve power from external power supply
2
VSS
Power
0V power from external power supply
TEST POINTS
Test Point
Ref.
Default
Measurement
Description
TP1
-
Modem line signal after transformer, T1
TP2
-
CMX868 RD, pin 5
TP3
-
CMX868 RT, pin 6
TP4
0V
VSS connection
TP5
0V
VSS connection
TP6
-
CMX868 RXAFB, pin 9
TP7
0V
VSS connection
TP8
-
CMX868 RLYDRV, pin 3
TP9
0V
VSS connection
TP10
0V
VSS connection
TP11
-
CMX868 TXA, pin 15
TP12
-
CMX868 TXAN, pin 14
TP13
HI
Modem CDN
TP14
5V
VDD connection
TP15
0V
VSS connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com