Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV8680 Datasheet(PDF) 20 Page - CML Microcircuits

Part # EV8680
Description  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 Datasheet(HTML) 20 Page - CML Microcircuits

Back Button EV8680 Datasheet HTML 16Page - CML Microcircuits EV8680 Datasheet HTML 17Page - CML Microcircuits EV8680 Datasheet HTML 18Page - CML Microcircuits EV8680 Datasheet HTML 19Page - CML Microcircuits EV8680 Datasheet HTML 20Page - CML Microcircuits EV8680 Datasheet HTML 21Page - CML Microcircuits EV8680 Datasheet HTML 22Page - CML Microcircuits EV8680 Datasheet HTML 23Page - CML Microcircuits EV8680 Datasheet HTML 24Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Evaluation Kit for CMX868
EV8680
© 2000 Consumer Microcircuits Limited
20
UM8680/2
S-Registers
The following table gives a brief description of the available S-registers and their functions. Register range,
units and factory profiles are also listed
.
S-Register
Factory Profiles
Reg
Range
Units
Description
‘0’
(Default at
Power up
)
‘1’
S0
0-255
Rings
Automatic answer - Number of rings until
automatic answer. If the register is zero the
modem will not automatically answer.
0
5
S1
0-255
Rings
Count incoming rings - This register is read
only and contains the number of rings
detected by the modem.
0
0
S2
0-127
ASCII
Decimal
Escape character value - This register
defines an ASCII decimal value of the
escape character. The default setting is an
ASCII + and the escape sequence is +++. A
value
over
127
disables
the
escape
sequence.
43
43
S3
0-127
ASCII
Decimal
Carriage return character - Contains the
ASCII
decimal
value
of
the
character
recognised as the command line terminator.
This character will also be sent at the end of
result codes.
13
13
S4
0-127
ASCII
Decimal
Line feed character - Contains the ASCII
decimal value of the character recognised by
the modem as the line feed.
The modem
sends the line feed character after a carriage
return only when word responses are sent.
10
10
S5
0-127
ASCII
Decimal
Backspace character - Contains the ASCII
decimal value of the character recognised as
a backspace.
8
8
S6
2-255
s
Wait time for blind dialling - Sets the
length of time to pause after the modem goes
off the hook before the modem dials the first
digit of the telephone number.
2
2
S7
1-255
s
Wait for carrier after dial - Sets the length
of time the modem waits for a carrier before
returning on-hook.
50
50
S8
0-255
s
Pause Time for Comma Dial Modifier -
Specifies the number of seconds to pause for
each comma (,) encountered in a dial string.
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com