Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX839D2 Datasheet(PDF) 8 Page - CML Microcircuits

Part # FX839D2
Description  Analogue Control Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX839D2 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button FX839D2 Datasheet HTML 4Page - CML Microcircuits FX839D2 Datasheet HTML 5Page - CML Microcircuits FX839D2 Datasheet HTML 6Page - CML Microcircuits FX839D2 Datasheet HTML 7Page - CML Microcircuits FX839D2 Datasheet HTML 8Page - CML Microcircuits FX839D2 Datasheet HTML 9Page - CML Microcircuits FX839D2 Datasheet HTML 10Page - CML Microcircuits FX839D2 Datasheet HTML 11Page - CML Microcircuits FX839D2 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Analogue Control Interface
FX839
© 1997 Consumer Microcircuits Limited
8
D/839/4
The microcontroller is required to wait during the conversion time, Tconv_max (Figure 3), before issuing a 'READ
ADC DATAx' command. If this is not done, then the converted data returned on 'C-BUS' will be the result of the
previous conversion on the selected channel. It is possible for the data conversion rate to exceed the reply rate
on 'C-BUS'. In such a case, the data returned will be the result of the most recent conversion completed.
Figure 3: Example of a "conversion and read"
*Tconv_max is directly related to the ADC clock frequency, which in turn is set by the external clock frequency
and the clock divider.
Tconv_max = ((10 + 2) x 'NUMBER OF ENABLED MUX INPUTS' / fadc_clk) [Seconds]
Note that after reading the ADC1 data, it is necessary to re-enable the conversion of data by setting Bit 5 of the
ADC Control Register to ‘1’.
Magnitude Comparators and Interrupt Request
High and low digital comparator reference levels are provided for the four digital magnitude comparators via the
'C-BUS' interface. The digital input to the comparators is provided by the most significant 8 bits of each ADC
data.
When the sampled data falls outside the high or low digital comparator reference levels the status register is
updated and the IRQN pin is pulled low. When a reference level is set to '0', its IRQ is disabled.
1.5.1
Software Description
Address/Commands
Instructions and Data are transferred via the 'C-BUS' in accordance with the timing information given in
Figure 4.
Instruction and data transactions to and from the FX839 consist of an Address/Command byte followed
by either:
(i)
a control or DAC data write (1 or 2 bytes) or,
(ii)
a status or ADC data read (1 or 2 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com