| Electronic Components Datasheet Search |
|
FX839D2 Datasheet(PDF) 9 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
FX839D2 Datasheet(HTML) 9 Page - CML Microcircuits |
|
9 / 22 page ![]() Analogue Control Interface FX839 © 1997 Consumer Microcircuits Limited 9 D/839/4 Write Only Register (8-Bit and 16-Bit) HEX ADDRESS/ COMMAND REGISTER NAME BIT 7 (D7) BIT 6 (D6) BIT 5 (D5) BIT 4 (D4) BIT 3 (D3) BIT 2 (D2) BIT 1 (D1) BIT 0 (D0) $01 RESET N/A N/A N/A N/A N/A N/A N/A N/A CLOCK/IRQ DIVIDER $D0 CONTROL 0 0000 BIT 2 BIT 1 BIT 0 VARIABLE MOD1 MOD1 $D2 ATTENUATOR (1) 0 0 ENABLE BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 VARIABLE MOD2 MOD2 ATTENUATOR (2) 0 0 ENABLE BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 DAC NBIT NBIT NBIT DAC1 DAC2 DAC3 $D3 CONTROL DAC1 DAC2 DAC3 0 ENABLE ENABLE ENABLE 0 DAC1 DATA $D4 (1) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 *See Note 1 (2) 0 00000 BIT 9 BIT 8 DAC2 DATA $D5 (1) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 *See Note 1 (2) 0 00000 BIT 9 BIT 8 DAC3 DATA $D6 (1) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 *See Note 1 (2) 0 00000 BIT 9 BIT 8 ADC ADCIN1 ADCIN2 ADCIN3 ADCIN4 $D7 CONTROL 0 1 READN ACTIVE ACTIVE ACTIVE ACTIVE 0 MAG COMP ONE MAGNITUDE COMPARATOR UPPER LEVEL $D8 LEVELS (1) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 MAG COMP ONE MAGNITUDE COMPARATOR LOWER LEVEL LEVELS (2) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 MAG COMP TWO MAGNITUDE COMPARATOR UPPER LEVEL $D9 LEVELS (1) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 MAG COMP TWO MAGNITUDE COMPARATOR LOWER LEVEL LEVELS (2) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 MAG COMP THREE MAGNITUDE COMPARATOR UPPER LEVEL $DA LEVELS (1) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 MAG COMP THREE MAGNITUDE COMPARATOR LOWER LEVEL LEVELS (2) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 MAG COMP FOUR MAGNITUDE COMPARATOR UPPER LEVEL $DB LEVELS (1) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 MAG COMP FOUR MAGNITUDE COMPARATOR LOWER LEVEL LEVELS (2) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 Note 1: A second byte is expected by the 'C-BUS' interface only when the 'NBIT DAC n' bit of the 'DAC Control Register' is set high. Otherwise the data transfer is a single byte (Bit 7 to Bit 0). |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |