Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX839D2 Datasheet(PDF) 12 Page - CML Microcircuits

Part # FX839D2
Description  Analogue Control Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX839D2 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button FX839D2 Datasheet HTML 8Page - CML Microcircuits FX839D2 Datasheet HTML 9Page - CML Microcircuits FX839D2 Datasheet HTML 10Page - CML Microcircuits FX839D2 Datasheet HTML 11Page - CML Microcircuits FX839D2 Datasheet HTML 12Page - CML Microcircuits FX839D2 Datasheet HTML 13Page - CML Microcircuits FX839D2 Datasheet HTML 14Page - CML Microcircuits FX839D2 Datasheet HTML 15Page - CML Microcircuits FX839D2 Datasheet HTML 16Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Analogue Control Interface
FX839
© 1997 Consumer Microcircuits Limited
12
D/839/4
VARIABLE ATTENUATOR Register (Hex address $D2)
This is a 16-bit register. Byte (1) is sent first. Bits 0 - 5 of the first byte in this register are used to enable and
set the attenuation of the Modulator 1 amplifier and bits 0 - 5 of the second byte in this register are used to
enable and set the attenuation of the Modulator 2 amplifier, according to the tables below:
BYTE 1
BYTE 2
543210
Mod. 1 Attenuation
543210
Mod. 2 Attenuation
0
XXXXX
Disabled (VBIAS)
0
XXXXX
Disabled (VBIAS)
100000
>40dB
100000
>40dB
100001
12.0dB
100001
6.0dB
100010
11.6dB
100010
5.8dB
100011
11.2dB
100011
5.6dB
100100
10.8dB
100100
5.4dB
100101
10.4dB
100101
5.2dB
100110
10.0dB
100110
5.0dB
100111
9.6dB
100111
4.8dB
101000
9.2dB
101000
4.6dB
101001
8.8dB
101001
4.4dB
101010
8.4dB
101010
4.2dB
101011
8.0dB
101011
4.0dB
101100
7.6dB
101100
3.8dB
101101
7.2dB
101101
3.6dB
101110
6.8dB
101110
3.4dB
101111
6.4dB
101111
3.2dB
110000
6.0dB
110000
3.0dB
110001
5.6dB
110001
2.8dB
110010
5.2dB
110010
2.6dB
110011
4.8dB
110011
2.4dB
110100
4.4dB
110100
2.2dB
110101
4.0dB
110101
2.0dB
110110
3.6dB
110110
1.8dB
110111
3.2dB
110111
1.6dB
111000
2.8dB
111000
1.4dB
111001
2.4dB
111001
1.2dB
111010
2.0dB
111010
1.0dB
111011
1.6dB
111011
0.8dB
111100
1.2dB
111100
0.6dB
111101
0.8dB
111101
0.4dB
111110
0.4dB
111110
0.2dB
111111
0dB
111111
0dB
X = don't care
MOD1 ENABLE
(Bit 5, first byte)
When this bit is '1' the MOD1 attenuator is enabled.
When this bit is '0' the MOD1 attenuator is disabled (i.e. powersaved).
MOD2 ENABLE
(Bit 5, second byte)
When this bit is '1' the MOD2 attenuator is enabled.
When this bit is '0' the MOD2 attenuator is disabled (i.e. powersaved).
(Bits 7 and 6, first
and second bytes)
Reserved for future use. These should be set to '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com