Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1601 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1601
Description  STEP-UP DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1601 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP1601 Datasheet HTML 2Page - Diodes Incorporated AP1601 Datasheet HTML 3Page - Diodes Incorporated AP1601 Datasheet HTML 4Page - Diodes Incorporated AP1601 Datasheet HTML 5Page - Diodes Incorporated AP1601 Datasheet HTML 6Page - Diodes Incorporated AP1601 Datasheet HTML 7Page - Diodes Incorporated AP1601 Datasheet HTML 8Page - Diodes Incorporated AP1601 Datasheet HTML 9Page - Diodes Incorporated AP1601 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AP1601
STEP-UP DC/DC CONVERTER
AP1601 Rev. 5
6 of 12
SEPTEMBER 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(Continued)
(VBATT = 2V, RL =∞, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C .)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
Operating Current into OUT
VFB=1.4V, VOUT=3.3V
-
16
35
μA
Shutdown Current into OUT
SHDN =GND
-
0.1
1
μA
Efficiency
VOUT=3.3V, ILOAD=200mA
-
90
-
%
VOUT=2V, ILOAD=1mA
-
85
-
tON
LX Switch On-Time
VFB=1V, VOUT=3.3V
3
4
7
μs
tOFF
LX Switch Off-Time
VFB=1V, VOUT=3.3V
0.8
1
1.2
μs
IFB
FB Input Current
VFB=1.4V
-
0.03
50
nA
ILBI
LBI Input Current
LLBI=1.4V
-
1
50
nA
ICLSEL
CLSEL Input Current
AP1601, CLSEL=OUT
-
1.4
3
μA
ISHDN
SHDN Input Current
VSHDN =0 or VOUT
-
0.07
50
nA
LBO
Low Output Voltage
LLBI=0, ISINK=1mA
-
0.2
0.4
V
ILBO
LBO
Off Leakage Current
VLBO =5.5V, LLBI=5.5V
-
0.07
1
μA
Damping Switch Resistance
AP1601, VBATT=2V
-
88
150
Ω
VIL
SHDN
Input Voltage
-
-
0.2 VOUT
V
VIH
0.8 VOUT
-
-
VIL
CLSEL Input Voltage
-
-
0.2 VOUT
V
VIH
0.8 VOUT
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com