Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1601 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1601
Description  STEP-UP DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1601 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1601 Datasheet HTML 1Page - Diodes Incorporated AP1601 Datasheet HTML 2Page - Diodes Incorporated AP1601 Datasheet HTML 3Page - Diodes Incorporated AP1601 Datasheet HTML 4Page - Diodes Incorporated AP1601 Datasheet HTML 5Page - Diodes Incorporated AP1601 Datasheet HTML 6Page - Diodes Incorporated AP1601 Datasheet HTML 7Page - Diodes Incorporated AP1601 Datasheet HTML 8Page - Diodes Incorporated AP1601 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP1601
STEP-UP DC/DC CONVERTER
AP1601 Rev. 5
2 of 12
SEPTEMBER 2009
www.diodes.com
© Diodes Incorporated
Ordering Information
AP1601 XXX G - 13
Packing
Package
Green
M8 : MSOP-8L
13 : Tape & Reel
M10 : MSOP-10L
G : Green
Device
Package
Code
Packaging
(Note 2)
13” Tape and Reel
Quantity
Part Number Suffix
AP1601M8G-13
M8
MSOP-8L
2500/Tape & Reel
-13
AP1601M10G-13
M10
MSOP-10L
2500/Tape & Reel
-13
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Pin Assignment
1
3
2
4
8
6
7
5
MSOP-8L
FB
LBI
REF
OUT
LX
GND
LBO
SHDN
( Top View )
1
3
2
10
8
9
MSOP-10L
FB
LBI
OUT
LX
GND
47
CLSEL
56
REF
BATT
SHDN
LBO
( Top View )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com