Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1601 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1601
Description  STEP-UP DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1601 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP1601 Datasheet HTML 3Page - Diodes Incorporated AP1601 Datasheet HTML 4Page - Diodes Incorporated AP1601 Datasheet HTML 5Page - Diodes Incorporated AP1601 Datasheet HTML 6Page - Diodes Incorporated AP1601 Datasheet HTML 7Page - Diodes Incorporated AP1601 Datasheet HTML 8Page - Diodes Incorporated AP1601 Datasheet HTML 9Page - Diodes Incorporated AP1601 Datasheet HTML 10Page - Diodes Incorporated AP1601 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP1601
STEP-UP DC/DC CONVERTER
AP1601 Rev. 5
7 of 12
SEPTEMBER 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
REFERENCE OUTPUT VOLTAGE
v.s. TEMPERATURE
1.14
1.15
1.16
1.17
1.18
1.19
1.2
1.21
-40
-20
0
20
40
60
80
100
TEMPERATURE (°C)
MAXIMUM OUTPUT CURRENT
v.s. INPUT VOLTAGE (VOUT=3.3V)
0
100
200
300
400
500
600
1
1.21.41.61.8
2
2.22.42.62.8
3
INPUT VOLTAGE (V)
START-UP VOLTAGE
v.s. LOAD CURRENT
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
LOAD CURRENT (mA)
Without Diode
With Diode
NO-LOAD BATTERY CURRENT
v.s.
INPUT BATTERY VOLTAGE
0
20
40
60
80
100
120
140
160
0.51
1.52
2.53
INPUT BATTERY VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com