Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1601 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1601
Description  STEP-UP DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1601 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1601 Datasheet HTML 1Page - Diodes Incorporated AP1601 Datasheet HTML 2Page - Diodes Incorporated AP1601 Datasheet HTML 3Page - Diodes Incorporated AP1601 Datasheet HTML 4Page - Diodes Incorporated AP1601 Datasheet HTML 5Page - Diodes Incorporated AP1601 Datasheet HTML 6Page - Diodes Incorporated AP1601 Datasheet HTML 7Page - Diodes Incorporated AP1601 Datasheet HTML 8Page - Diodes Incorporated AP1601 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP1601
STEP-UP DC/DC CONVERTER
AP1601 Rev. 5
1 of 12
SEPTEMBER 2009
www.diodes.com
© Diodes Incorporated
•
A Guaranteed Start-Up from less than 0.9 V.
•
High Efficiency.
•
Low Quiescent Current.
•
Less Number of External Components needed.
•
Low Ripple and Low Noise.
•
Space Saving Packages: MSOP-8L and MSOP-10L.
•
MSOP-8L and MSOP-10L: Available in “Green”
Molding Compound (No Br, Sb)
•
Lead Free Finish / RoHS Compliant (Note 1)
The AP1601 is a high efficiency step-up DC/DC converter for
applications using 1 to 4 NiMH battery cells. Only three external
components are required to deliver a fixed output voltage of 3.3V
or 5V. The AP1601 starts up from less than 0.9V input with 1mA
load. Pulse Frequency Modulation scheme brings optimized
performance for applications with light output loading and low
input voltages. The output ripple and noise are lower compared
with the circuits operating in PSM mode.
The PFM control circuit operating in 100KHz (max.) switching
rate results in smaller passive components. The space saving
MSOP packages make the AP1601 an ideal choice of DC/DC
converter
for
space
conscious
applications,
like
pagers,
electronic cameras, and wireless microphones.
•
Pagers
•
Cameras
•
Wireless Microphones
•
Pocket Organizers
•
Battery Backup Suppliers
•
Portable Instruments
Typical Application Circuit
SHDN
LBO
LX
OUT
FB
REF
LBI
GND
0.1uF
Low- Battery
Detect OUT
22uH
220uF
+
100uF
+
V
IN
ON
OFF
Adj Output (1.8V to 4.0V)
up to 300 mA
Low- Battery
Detect In
R5
R6
Vout=1.2 (1+
)
R6
R5
R6 Suggest 100K~200K
FB=Vout, Vout=3.3V
FB=GND, Vout=5V
×
Features
General Description
Applications


Similar Part No. - AP1601

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
logo
Asahi Kasei Microsystem...
AP1601 AKM-AP1601 Datasheet
919Kb / 22P
LED light control IC, dimmer compatible
logo
Anachip Corp
AP1601M10 ANACHIP-AP1601M10 Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
AP1601M10A ANACHIP-AP1601M10A Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
AP1601M10L ANACHIP-AP1601M10L Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
More results

Similar Description - AP1601

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383 Datasheet
446Kb / 10P
STEP-UP DC/DC CONVERTER
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com