Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1601 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1601
Description  STEP-UP DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1601 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1601 Datasheet HTML 1Page - Diodes Incorporated AP1601 Datasheet HTML 2Page - Diodes Incorporated AP1601 Datasheet HTML 3Page - Diodes Incorporated AP1601 Datasheet HTML 4Page - Diodes Incorporated AP1601 Datasheet HTML 5Page - Diodes Incorporated AP1601 Datasheet HTML 6Page - Diodes Incorporated AP1601 Datasheet HTML 7Page - Diodes Incorporated AP1601 Datasheet HTML 8Page - Diodes Incorporated AP1601 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP1601
STEP-UP DC/DC CONVERTER
AP1601 Rev. 5
4 of 12
SEPTEMBER 2009
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage (OUT to GND)
-0.3 to 8.0
V
VBATT
Battery Voltage (Batt to GND)
-0.3 to 6.0
V
LBI, REF, FB, CLSEL to GND
-0.3 to VOUT+0.3
V
VSW
Switch Voltage (LX to GND)
-0.3 to VOUT+0.3
V
IOUT
Output Current (OUT)
-1.5 to +1.5
A
VLBO
LBO to GND
6.0
V
ISW
Switch Current (LX)
-1.5 to +1.5
A
TJ
Operation Junction Temperature Range
-40 to +125
oC
TST
Storage Temperature Range
-65 to +150
oC
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
1.1
5.5
V
IOUT
Output Current
-
1.2
A
TA
Operating Ambient Temperature
-40
+85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com