Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3T6ATR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM8L101F3T6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3T6ATR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM8L101F3T6ATR Datasheet HTML 20Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 21Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 22Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 23Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 24Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 25Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 26Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 27Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
Memory and register map
STM8L101xx
24/81
Doc ID 15275 Rev 11
Table 5.
Flash and RAM boundary addresses
Memory area
Size
Start address
End address
RAM
1.5 Kbytes
0x00 0000
0x00 05FF
Flash program memory
2 Kbytes
0x00 8000
0x00 87FF
4 Kbytes
0x00 8000
0x00 8FFF
8 Kbytes
0x00 8000
0x00 9FFF
Table 6.
I/O Port hardware register map
Address
Block
Register label
Register name
Reset
status
0x00 5000
Port A
PA_ODR
Port A data output latch register
0x00
0x00 5001
PA_IDR
Port A input pin value register
0xxx
0x00 5002
PA_DDR
Port A data direction register
0x00
0x00 5003
PA_CR1
Port A control register 1
0x00
0x00 5004
PA_CR2
Port A control register 2
0x00
0x00 5005
Port B
PB_ODR
Port B data output latch register
0x00
0x00 5006
PB_IDR
Port B input pin value register
0xxx
0x00 5007
PB_DDR
Port B data direction register
0x00
0x00 5008
PB_CR1
Port B control register 1
0x00
0x00 5009
PB_CR2
Port B control register 2
0x00
0x00 500A
Port C
PC_ODR
Port C data output latch register
0x00
0x00 500B
PC_IDR
Port C input pin value register
0xxx
0x00 500C
PC_DDR
Port C data direction register
0x00
0x00 500D
PC_CR1
Port C control register 1
0x00
0x00 500E
PC_CR2
Port C control register 2
0x00
0x00 500F
Port D
PD_ODR
Port D data output latch register
0x00
0x00 5010
PD_IDR
Port D input pin value register
0xxx
0x00 5011
PD_DDR
Port D data direction register
0x00
0x00 5012
PD_CR1
Port D control register 1
0x00
0x00 5013
PD_CR2
Port D control register 2
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com