Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3T6ATR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM8L101F3T6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3T6ATR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM8L101F3T6ATR Datasheet HTML 26Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 27Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 28Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 29Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 30Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 31Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 32Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 33Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
Memory and register map
STM8L101xx
30/81
Doc ID 15275 Rev 11
0x00 52E9
to
0x00 52FE
Reserved area (23 bytes)
0x00 52FF
IRTIM
IR_CR
Infra-red control register
0x00
0x00 5300
COMP
COMP_CR
Comparator control register
0x00
0x00 5301
COMP_CSR
Comparator status register
0x00
0x00 5302
COMP_CCS
Comparator channel selection register
0x00
Table 8.
CPU/SWIM/debug module/interrupt controller registers
Address
Block
Register label
Register name
Reset
status
0x00 7F00
CPU
A
Accumulator
0x00
0x00 7F01
PCE
Program counter extended
0x00
0x00 7F02
PCH
Program counter high
0x80
0x00 7F03
PCL
Program counter low
0x00
0x00 7F04
XH
X index register high
0x00
0x00 7F05
XL
X index register low
0x00
0x00 7F06
YH
Y index register high
0x00
0x00 7F07
YL
Y index register low
0x00
0x00 7F08
SPH
Stack pointer high
0x05
0x00 7F09
SPL
Stack pointer low
0xFF
0x00 7F0A
CC
Condition code register
0x28
0x00 7F0B
to
0x00 7F5F
Reserved area (85 bytes)
0x00 7F60
CFG
CFG_GCR
Global configuration register
0x00
0x00 7F61
0x00 7F6F
Reserved area (15 bytes)
0x00 7F70
ITC-SPR
(1)
ITC_SPR1
Interrupt Software priority register 1
0xFF
0x00 7F71
ITC_SPR2
Interrupt Software priority register 2
0xFF
0x00 7F72
ITC_SPR3
Interrupt Software priority register 3
0xFF
0x00 7F73
ITC_SPR4
Interrupt Software priority register 4
0xFF
0x00 7F74
ITC_SPR5
Interrupt Software priority register 5
0xFF
0x00 7F75
ITC_SPR6
Interrupt Software priority register 6
0xFF
0x00 7F76
ITC_SPR7
Interrupt Software priority register 7
0xFF
0x00 7F77
ITC_SPR8
Interrupt Software priority register 8
0xFF
Table 7.
General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com