Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3T6ATR Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM8L101F3T6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3T6ATR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM8L101F3T6ATR Datasheet HTML 47Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 48Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 49Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 50Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 51Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 52Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 53Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 54Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
STM8L101xx
Electrical parameters
Doc ID 15275 Rev 11
51/81
Figure 20.
Typical VIL and VIH vs. VDD (standard I/Os)
Figure 21.
Typical VIL and VIH vs. VDD (true open drain I/Os)
Figure 22.
Typical pull-up resistance RPU vs. VDD with VIN=VSS
ai17011
0
0.5
1
1.5
2
2.5
3
1.6
2.1
2.6
3.1
3.6
V
DD [V]
-40°C
25°C
85°C
125°C
0
0.5
1
1.5
2
2.5
3
1.6
2.1
2.6
3.1
3.6
V
DD [V]
-40°C
25°C
85°C
125°C
ai17010
0
0.5
1
1.5
2
2.5
3
1.62.1
2.63.1
3.6
V
DD [V]
-40°C
25°C
85°C
125°C
ai17009
30
35
40
45
50
55
60
1.65 1.8 1.95 2.1 2.25 2.4 2.55 2.7 2.85
3
3.15 3.3 3.45 3.6
V
DD [V]
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com