Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3T6ATR Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM8L101F3T6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3T6ATR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM8L101F3T6ATR Datasheet HTML 46Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 47Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 48Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 49Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 50Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 51Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 52Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 53Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
Electrical parameters
STM8L101xx
50/81
Doc ID 15275 Rev 11
9.3.6
I/O port pin characteristics
General characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified. All
unused pins must be kept at a fixed voltage: using the output mode of the I/O for example or
an external pull-up or pull-down resistor.
Table 26.
I/O static characteristics (1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage(2)
Standard I/Os
VSS-0.3
-
0.3 x VDD
V
True open drain I/Os
VSS-0.3
-
0.3 x VDD
VIH
Input high level voltage (2)
Standard I/Os
0.70 x VDD
-VDD+0.3
V
True open drain I/Os
VDD < 2 V
0.70 x VDD
-
5.2
True open drain I/Os
VDD ≥ 2 V
5.5
Vhys
Schmitt trigger voltage hysteresis (3)
Standard I/Os
-
200
-
mV
True open drain I/Os
-
250
-
Ilkg
Input leakage current (4)
VSS≤VIN≤VDD
Standard I/Os
-
-
50 (5)
nA
VSS≤VIN≤VDD
True open drain I/Os
-
-
200(5)
VSS≤VIN≤VDD
PA0 with high sink LED
driver capability
-
-
200(5)
RPU
Weak pull-up equivalent resistor(6)
VIN=VSS
30
45
60
k
Ω
CIO
(7)
I/O pin capacitance
-
5
-
pF
1.
VDD = 3.0 V, TA = -40 to 85 °C unless otherwise specified.
2.
Data based on characterization results, not tested in production.
3.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
4.
The max. value may be exceeded if negative current is injected on adjacent pins.
5.
Not tested in production.
6.
RPU pull-up equivalent resistor based on a resistive transistor (corresponding IPU current characteristics described in
Figure 22).
7.
Data guaranteed by Design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com