Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3T6ATR Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM8L101F3T6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3T6ATR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM8L101F3T6ATR Datasheet HTML 34Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 35Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 36Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 37Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 38Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 39Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 40Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 41Page - STMicroelectronics STM8L101F3T6ATR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 81 page
background image
Electrical parameters
STM8L101xx
38/81
Doc ID 15275 Rev 11
9.1.5
Pin input voltage
The input voltage measurement on a pin of the device is described in Figure 10.
Figure 10.
Pin input voltage
9.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
VIN
STM8L PIN
Table 13.
Voltage characteristics
Symbol
Ratings
Min
Max
Unit
VDD- VSS
External supply voltage
-0.3
4.0
V
VIN
Input voltage on true open drain pins
(PC0 and PC1)(1)
1.
Positive injection is not possible on these I/Os. VIN maximum must always be respected. IINJ(PIN) must
never be exceeded. A negative injection is induced by VIN<VSS.
VSS-0.3
V
DD + 4.0
Input voltage on any other pin (2)
2.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS.
VSS-0.3
4.0
VESD
Electrostatic discharge voltage
see Absolute maximum
ratings (electrical sensitivity)
on page 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com