Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F2U6 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM8L101F2U6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F2U6 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM8L101F2U6 Datasheet HTML 72Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 73Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 74Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 75Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 76Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 77Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 78Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 79Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 81 page
background image
Revision history
STM8L101xx
76/81
Doc ID 15275 Rev 11
13
Revision history
Table 44.
Document revision history
Date
Revision
Changes
19-Dec-2008
1
Initial release.
22-Apr-2009
2
Added TSSOP28 package
Modified packages on first page
COMPx_OUT pins removed
Added Figure 6: 28-pin TSSOP package pinout on page 17
Modified Section 9: Electrical parameters on page 37.
Updated UBC[7:0] description in Section 7: Option bytes.
Updated low power current consumption on cover page.
Updated Table 13: Voltage characteristics, Table 20: Total current
consumption and timing in Halt and Active-halt mode at VDD = 1.65
V to 3.6 V, Table 26: I/O static characteristics, Table 30: NRST pin
characteristics, and Section 9.3.9: EMC characteristics.
Updated PA1/NRST, PC0 and PC1 in Table 4: STM8L101xx pin
description.
Added ECC feature.
Changed internal RC frequency to 38 kHz.
Updated electrical characteristics in Table 16, Table 18, Table 19,
Table 20, Table 22, Table 23, and Table 26.
24-Apr-2009
3
Corrected title on cover page.
Changed VFQFPN32 to WFQFPN32 and updated Table 39:
UFQFPN32 - 32-lead ultra thin fine pitch quad flat no-lead package
(5 x 5), package mechanical data.
Updated Table 13, Table 26, and Table 33.
14-May-2009
4
Replaced WFQFPN20 3 x 3 mm 0.8 mm package by UFQFPN20
3 x 3 mm 0.6 mm package (first page, Table 16: General operating
conditions on page 40, Table 38: Thermal characteristics on
page 65, Section 10.2: Package mechanical data on page 67)
Added one UFQFPN20 version with COMP_REF
Modified Figure 40: LQFP32 recommended footprint(1) on page 69
Added IPROG values in Table 25: Flash program memory on page 49
Updated Table 31: SPI characteristics on page 57
15-May-2009
5
Added STM8L101F3U6ATR part number in Section 4: Pin
description on page 14 and in Figure 47: STM8L101xx ordering
information scheme on page 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com