Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F2U6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM8L101F2U6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F2U6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM8L101F2U6 Datasheet HTML 6Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 7Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 8Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 9Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 10Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 11Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 12Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 13Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
Product overview
STM8L101xx
10/81
Doc ID 15275 Rev 11
3.1
Central processing unit STM8
The 8-bit STM8 core is designed for code efficiency and performance.
It features 21 internal registers, 20 addressing modes including indexed, indirect and relative
addressing, and 80 instructions.
3.2
Development tools
Development tools for the STM8 microcontrollers include:
●
The STice emulation system offering tracing and code profiling
●
The STVD high-level language debugger including C compiler, assembler and
integrated development environment
●
The STVP Flash programming software
The STM8 also comes with starter kits, evaluation boards and low-cost in-circuit
debugging/programming tools.
3.3
Single wire data interface (SWIM) and debug module
The debug module with its single wire data interface (SWIM) permits non-intrusive real-time
in-circuit debugging and fast memory programming.
The Single wire interface is used for direct access to the debugging module and memory
programming. The interface can be activated in all device operation modes.
The non-intrusive debugging module features a performance close to a full-featured
emulator. Beside memory and peripherals, also CPU operation can be monitored in real-
time by means of shadow registers.
3.4
Interrupt controller
The STM8L101xx features a nested vectored interrupt controller:
●
Nested interrupts with 3 software priority levels
●
26 interrupt vectors with hardware priority
●
Up to 29 external interrupt sources on 10 vectors
●
Trap and reset interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com