Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F2U6 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM8L101F2U6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F2U6 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM8L101F2U6 Datasheet HTML 24Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 25Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 26Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 27Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 28Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 29Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 30Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 31Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 81 page
background image
Memory and register map
STM8L101xx
28/81
Doc ID 15275 Rev 11
0x00 5250
TIM2
TIM2_CR1
TIM2 control register 1
0x00
0x00 5251
TIM2_CR2
TIM2 control register 2
0x00
0x00 5252
TIM2_SMCR
TIM2 slave mode control register
0x00
0x00 5253
TIM2_ETR
TIM2 external trigger register
0x00
0x00 5254
TIM2_IER
TIM2 interrupt enable register
0x00
0x00 5255
TIM2_SR1
TIM2 status register 1
0x00
0x00 5256
TIM2_SR2
TIM2 status register 2
0x00
0x00 5257
TIM2_EGR
TIM2 event generation register
0x00
0x00 5258
TIM2_CCMR1
TIM2 capture/compare mode register 1
0x00
0x00 5259
TIM2_CCMR2
TIM2 capture/compare mode register 2
0x00
0x00 525A
TIM2_CCER1
TIM2 capture/compare enable register 1
0x00
0x00 525B
TIM2_CNTRH
TIM2 counter high
0x00
0x00 525C
TIM2_CNTRL
TIM2 counter low
0x00
0x00 525D
TIM2_PSCR
TIM2 prescaler register
0x00
0x00 525E
TIM2_ARRH
TIM2 auto-reload register high
0xFF
0x00 525F
TIM2_ARRL
TIM2 auto-reload register low
0xFF
0x00 5260
TIM2_CCR1H
TIM2 capture/compare register 1 high
0x00
0x00 5261
TIM2_CCR1L
TIM2 capture/compare register 1 low
0x00
0x00 5262
TIM2_CCR2H
TIM2 capture/compare register 2 high
0x00
0x00 5263
TIM2_CCR2L
TIM2 capture/compare register 2 low
0x00
0x00 5264
TIM2_BKR
TIM2 break register
0x00
0x00 5265
TIM2_OISR
TIM2 output idle state register
0x00
0x00 5266
to
0x00 527F
Reserved area (26 bytes)
Table 7.
General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com