Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F2U6 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM8L101F2U6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F2U6 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM8L101F2U6 Datasheet HTML 27Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 28Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 29Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 30Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 31Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 32Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 33Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 34Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
STM8L101xx
Memory and register map
Doc ID 15275 Rev 11
31/81
0x00 7F78
to
0x00 7F79
Reserved area (2 bytes)
0x00 7F80
SWIM
SWIM_CSR
SWIM control status register
0x00
0x00 7F81
to
0x00 7F8F
Reserved area (15 bytes)
0x00 7F90
DM
DM_BK1RE
Breakpoint 1 register extended byte
0xFF
0x00 7F91
DM_BK1RH
Breakpoint 1 register high byte
0xFF
0x00 7F92
DM_BK1RL
Breakpoint 1 register low byte
0xFF
0x00 7F93
DM_BK2RE
Breakpoint 2 register extended byte
0xFF
0x00 7F94
DM_BK2RH
Breakpoint 2 register high byte
0xFF
0x00 7F95
DM_BK2RL
Breakpoint 2 register low byte
0xFF
0x00 7F96
DM_CR1
Debug module control register 1
0x00
0x00 7F97
DM_CR2
Debug module control register 2
0x00
0x00 7F98
DM_CSR1
Debug module control/status register 1
0x10
0x00 7F99
DM_CSR2
Debug module control/status register 2
0x00
0x00 7F9A
DM_ENFCTR
Enable function register
0xFF
1.
Refer to Table 7: General hardware register map on page 25 (addresses 0x00 50A0 to 0x00 50A5) for a
list of external interrupt registers.
Table 8.
CPU/SWIM/debug module/interrupt controller registers (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com