Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F2U6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM8L101F2U6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F2U6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM8L101F2U6 Datasheet HTML 9Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 10Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 11Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 12Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 13Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 14Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 15Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 16Page - STMicroelectronics STM8L101F2U6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
STM8L101xx
Product overview
Doc ID 15275 Rev 11
13/81
3.15
USART
The USART interface (USART) allows full duplex, asynchronous communications with
external devices requiring an industry standard NRZ asynchronous serial data format. It
offers a very wide range of baud rates.
3.16
SPI
The serial peripheral interface (SPI) provides half/ full duplex synchronous serial
communication with external devices. It can be configured as the master and in this case it
provides the communication clock (SCK) to the external slave device. The interface can also
operate in multi-master configuration.
3.17
I²C
The inter-integrated circuit (I2C) bus interface is designed to serve as an interface between
the microcontroller and the serial I2C bus. It provides multi-master capability, and controls all
I²C bus-specific sequencing, protocol, arbitration and timing. It manages standard and fast
speed modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com