Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8358E Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
Freescale Semiconductor
71
Package and Pin Listings
TDI
AE8
I
OVDD
4
TDO
AG7
O
OVDD
3
TMS
AH7
I
OVDD
4
TRST
AG8
I
OVDD
4
Test
TEST
AF9
I
OVDD
7
TEST_SEL
AE27
I
GVDD
9
PMC
QUIESCE
AF4
O
OVDD
—
System Control
PORESET
AE9
I
OVDD
—
HRESET
AG9
I/O
OVDD
1
SRESET
AH10
I/O
OVDD
2
Thermal Management
THERM0
K25
I
GVDD
—
THERM1
AA26
I
GVDD
—
Power and Ground Signals
AVDD1AF8
Power for
LBIU DLL
(1.2 V)
AVDD1—
AVDD2
AH8
Power for
CE PLL
(1.2 V)
AVDD2—
AVDD5
AB26
Power for
e300 PLL
(1.2 V)
AVDD5—
AVDD6
AH9
Power for
system
PLL (1.2
V)
AVDD6—
GND
C16, D11, D21, E24, F7, J10, J12, J15, J16, J17, J28,
K11, K13, K14, K17, K18, L4, L9, L11, L12, L13, L14,
L15, L16, L17, L18, L19, L24, M10, M11, M14, M15, M18,
M19, N11, N18, N25, P9, P11, P18, P19, R9, R11, R14,
R15, R18, R19, R26, T10, T11, T14, T15, T18, T25, U10,
U11, U18, V9, V11, V14, V15, V18, V24, V27, W18, W19,
Y11, Y14, Y18, Y19, Y25, Y27, AB4, AB27, AC27, AE20,
AE24, AF5, AF15, AG10
——
—
Table 65. MPC8358E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com