Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1850 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1850
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850 Datasheet(HTML) 4 Page - Analog Devices

  ADP1850 Datasheet HTML 1Page - Analog Devices ADP1850 Datasheet HTML 2Page - Analog Devices ADP1850 Datasheet HTML 3Page - Analog Devices ADP1850 Datasheet HTML 4Page - Analog Devices ADP1850 Datasheet HTML 5Page - Analog Devices ADP1850 Datasheet HTML 6Page - Analog Devices ADP1850 Datasheet HTML 7Page - Analog Devices ADP1850 Datasheet HTML 8Page - Analog Devices ADP1850 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADP1850
Rev. 0 | Page 4 of 32
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
GATE DRIVERS
DHx Rise Time
CDH = 3 nF, VBST − VSW = 5 V
16
ns
DHx Fall Time
CDH = 3 nF, VBST − VSW = 5 V
14
ns
DLx Rise Time
CDL = 3 nF
16
ns
DLx Fall Time
CDL = 3 nF
14
ns
DHx to DLx Dead Time
External 3 nF is connected to DHx and DLx
25
ns
DHx or DLx Driver RON, Sourcing
Current1
RON_SOURCE
Sourcing 2 A with a 100 ns pulse
2
Ω
Sourcing 1 A with a 100 ns pulse, VIN = 3 V
2.3
Ω
DHx or DLx Driver RON, Tempco
TCRON
VIN = 3 V or 12 V
0.3
%/oC
DHx or DLx Driver RON, Sinking
Current1
RON_SINK
Sinking 2 A with a 100 ns pulse
1.5
Ω
Sinking 1 A with a 100 ns pulse, VIN = 3 V
2
Ω
DHx Maximum Duty Cycle
fSW = 300 kHz
90
%
DHx Maximum Duty Cycle
fSW = 1500 kHz
50
%
Minimum DHx On Time
fSW = 200 kHz to 1500 kHz
135
ns
Minimum DHx Off Time
fSW = 200 kHz to 1500 kHz
335
ns
Minimum DLx On Time
fSW = 200 kHz to 1500 kHz
285
ns
COMPx VOLTAGE RANGE
COMPx Pulse Skip Threshold
VCOMP,THRES
In pulse skip mode
0.9
V
COMPx Clamp High Voltage
VCOMP,HIGH
2.25
V
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TTMSD
155
C
Thermal Shutdown Hysteresis
20
C
OVERVOLTAGE AND POWER GOOD
THRESHOLDS
FBx Overvoltage Threshold
VOV
VFB rising
0.635
0.65
0.665
V
FBx Overvoltage Hysteresis
30
mV
FBx Undervoltage Threshold
VUV
VFB falling
0.525
0.55
0.578
V
FBx Undervoltage Hysteresis
30
mV
TRKx INPUT VOLTAGE RANGE
0
5
V
FBx TO TRKx OFFSET VOLTAGE
TRKx = 0.1 V to 0.57 V, offset = VFB − VTRK
−10
0
+10
mV
SOFT START
SSx Output Current
ISS
During start-up
4.6
6.5
8.4
μA
SSx Pull-Down Resistor
During a fault condition
3
kΩ
FBx to SSx Offset
VSS = 0.1 V to 0.6 V, offset = VFB − VSS
−10
+10
mV
PGOODx
PGOODx Pull-up Resistor
RPGOOD
Internal pull-up resistor to VCCO
12.5
kΩ
PGOODx Delay
12
μs
Over Voltage or Under Voltage
This is the minimum duration required to trip
the PGOOD signal
10
μs
Minimum Duration
ILIM1, ILIM2 Threshold Voltage1
Relative to PGNDx
−5
0
+5
mV
ILIM1, ILIM2 Output Current
ILIMx = PGNDx
47
50
53
μA
Current Sense Blanking Period
After DLx goes high, current limit is not sensed
during this period
100
ns
INTEGRATED RECTIFIER
(BOOST DIODE) RESISTANCE
At 20 mA forward current
16
Ω
ZERO CURRENT CROSS OFFSET
(SWx TO PGNDx)1
In pulse skip mode only, fSW = 600 kHz
0
2
4
mV
1 Guaranteed by design.
2 Connect VIN to VCCO when 2.75 V < VIN < 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com