Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1850 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1850
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1850 Datasheet HTML 6Page - Analog Devices ADP1850 Datasheet HTML 7Page - Analog Devices ADP1850 Datasheet HTML 8Page - Analog Devices ADP1850 Datasheet HTML 9Page - Analog Devices ADP1850 Datasheet HTML 10Page - Analog Devices ADP1850 Datasheet HTML 11Page - Analog Devices ADP1850 Datasheet HTML 12Page - Analog Devices ADP1850 Datasheet HTML 13Page - Analog Devices ADP1850 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP1850
Rev. 0 | Page 10 of 32
CH1 20mV
B
W
CH4 5A
Ω
M200µs
A CH4
11.5A
1
4
VIN = 12V
VOUT = 3.3V
8A TO 13A STEP LOAD
OUTPUT RESPONSE
Figure 10. Step Load Transient of Figure 44
2
CH3 1V
CH2 5V
CH1 5V
CH4 1A
Ω
M1ms
A CH1
2.4V
VIN = 12V
VOUT = 1.8V
OUTPUT PRECHARGED TO 1V
DH1
DL1
VOUT1
IL1
1
3
4
Figure 11. Soft Start into Precharged Output
CH3 1V
CH2 2V
CH1 10V
CH4 1V
M10ms
A CH2
1.52V
CSS = 100nF
VOUT (CH3)
SS (CH4)
EN
SW
1
2
3
4
Figure 12. Enable Start-Up Function
CH3 2V
CH2 2V
CH1 10V
CH4 2V
Ω
M10ms
A CH2
3.76V
SW1
PGOOD1
VCCO (CH3)
VOUT, PRELOADED (CH4)
1
2
3
4
Figure 13. Thermal Shutdown Waveform
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
3
5
7
9
11
13
15
17
19
21
VIN (V)
REFERENCED AT VIN = 2.75V
600kHz
300kHz
850kHz
Figure 14. Change in fSW vs. VIN
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–40
–15
10
35
60
85
110
135
TEMPERATURE (°C)
VIN = 12V; REFERENCED AT 25°C
Figure 15. fSW vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com