Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1850 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1850
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850 Datasheet(HTML) 5 Page - Analog Devices

  ADP1850 Datasheet HTML 1Page - Analog Devices ADP1850 Datasheet HTML 2Page - Analog Devices ADP1850 Datasheet HTML 3Page - Analog Devices ADP1850 Datasheet HTML 4Page - Analog Devices ADP1850 Datasheet HTML 5Page - Analog Devices ADP1850 Datasheet HTML 6Page - Analog Devices ADP1850 Datasheet HTML 7Page - Analog Devices ADP1850 Datasheet HTML 8Page - Analog Devices ADP1850 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADP1850
Rev. 0 | Page 5 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN, EN1/EN2, RAMP1/RAMP2
21 V
FB1/FB2, COMP1/COMP2, SS1/SS2, TRK1/TRK2,
FREQ, SYNC, VCCO, VDL, PGOOD1/PGOOD2
−0.3 V to +6 V
ILIM1/ILIM2, SW1/SW2 to PGND1/PGND2
−0.3 V to +21 V
BST1/BST2, DH1/DH2 to PGND1/PGND2
−0.3 V to +28 V
DL1/DL2 to PGND1/PGND2
−0.3V to VCCO + 0.3 V
BST1/BST2 to SW1/SW2
−0.3 V to +6 V
BST1/BST2 to PGND1/PGND2
20 ns Transients
32 V
SW1/SW2 to PGND1/PGND2
20 ns Transients
25 V
DL1/DL2, SW1/SW2, ILIM1/ILIM2 to
PGND1/PGND2
20 ns Negative Transients
−8 V
PGND1/PGND2 to AGND
−0.3 V to +0.3 V
PGND1/PGND2 to AGND 20 ns Transients
−8 V to +4 V
θJA on Multilayer PCB (Natural Convection)
1, 2
32.6°C/W
Operating Junction Temperature Range3
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Maximum Soldering Lead Temperature
260°C
1 Measured with exposed pad attached to PCB.
2 Junction-to-ambient thermal resistance (θJA) of the package was calculated
or simulated on multilayer PCB.
3 The junction temperature, TJ, of the device is dependent on the ambient
temperature, TA, the power dissipation of the device, PD, and the junction-to-
ambient thermal resistance of the package, θJA. Maximum junction
temperature is calculated from the ambient temperature and power
dissipation using the formula: TJ = TA + PD × θJA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages are
referenced to GND.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com