Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1850 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1850
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850 Datasheet(HTML) 1 Page - Analog Devices

  ADP1850 Datasheet HTML 1Page - Analog Devices ADP1850 Datasheet HTML 2Page - Analog Devices ADP1850 Datasheet HTML 3Page - Analog Devices ADP1850 Datasheet HTML 4Page - Analog Devices ADP1850 Datasheet HTML 5Page - Analog Devices ADP1850 Datasheet HTML 6Page - Analog Devices ADP1850 Datasheet HTML 7Page - Analog Devices ADP1850 Datasheet HTML 8Page - Analog Devices ADP1850 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Wide Range Input, Dual/Two-Phase, DC-to-DC
Synchronous Buck Controller
ADP1850
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Wide range input: 2.75 V to 20 V
Power stage input voltage: 1 V to 20 V
Output voltage range: 0.6 V up to 90% VIN
Output current to more than 25 A per channel
Accurate current sharing between channels (interleaved)
Programmable frequency: 200 kHz to 1.5 MHz
180° phase shift between channels for reduced input
capacitance
±0.85% reference voltage accuracy from −40°C to +85°C
Integrated boost diodes
Power saving mode (PSM) at light loads
Accurate power good with internal pull-up resistor
Accurate voltage tracking capability
Independent channel precision enable
Overvoltage and overcurrent limit protection
Externally programmable soft start, slope compensation and
current sense gain
Synchronization input
Thermal overload protection
Input undervoltage lockout (UVLO)
Available in 32-lead 5 mm × 5 mm LFCSP
APPLICATIONS
High current single and dual output intermediate bus and
point of load converters requiring sequencing and
tracking capability, including converters for:
Point-of-load power supplies
Telecom base station and networking
Consumer
Industrial and instrumentation
Healthcare and medical
GENERAL DESCRIPTION
The ADP1850 is a configurable dual output or two-phase, single
output dc-to-dc synchronous buck controller capable of running
from commonly used 3.3 V to 12 V (up to 20 V) voltage inputs.
The device operates in current mode for improved transient
response and uses valley current sensing for enhanced noise
immunity.
The architecture enables accurate current sharing between
interleaved phases for high current outputs.
The ADP1850 is ideal in system applications requiring multiple
output voltages: the ADP1850 includes a synchronization fea-
ture to eliminate beat frequencies between switching devices;
provides accurate tracking capability between supplies and
includes precision enable for simple, robust sequencing.
The ADP1850 provides high speed, high peak current drive
capability with dead-time optimization to enable energy
efficient power conversion. For low load operation, the device
can be configured to operate in power saving mode (PSM) by
skipping pulses and reducing switching losses to improve the
energy efficiency at light load and standby conditions.
The accurate current limit (±6%) allows the power architect to
design within a narrower range of tolerances and can reduce
overall converter size and cost.
The ADP1850 provides a configurable architecture capable
of wide range input operation to provide the designer with
maximum re-use opportunities and improved time to market.
Additional flexibility is provided by external programmability
of loop compensation, soft start, frequency setting, power
saving mode, current limit and current sense gain can all be
programmed using external components.
The ADP1850 includes a high level of integration in a small size
package. The start-up linear regulator and the boot-strap diode
for the high side drive are included. Protection features include:
undervoltage lock-out, overvoltage, overcurrent/short-circuit
and over temperature. The ADP1850 is available in a compact
32-lead LFCSP 5 mm × 5 mm thermally enhanced package.
TYPICAL OPERATION CIRCUIT
RAMP1
RRAMP1
VIN
DH1
BST1
SW1
ILIM1
FB1
DL1
PGND1
RAMP2
DH2
BST2
SW2
ILIM2
FB2
DL2
PGND2
EN1
EN2
VDL
VCCO
TRK1
TRK2
SYNC
FREQ
COMP1
COMP2
SS1
SS2
AGND
RCSG1
R11
R12
R21
R22
M1
M2
RCSG2
M3
L2
L1
VOUT1
VOUT2
VIN
VIN
M4
RRAMP2
PGOOD1
PGOOD2
ADP1850
HI
LO
Figure 1. Single Phase Circuit


Similar Part No. - ADP1850

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850ACPZ-R7 AD-ADP1850ACPZ-R7 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850DP-EVALZ AD-ADP1850DP-EVALZ Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850SP-EVALZ AD-ADP1850SP-EVALZ Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
More results

Similar Description - ADP1850

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
Wide Input Range Dual Synchronous Buck Controller
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
Wide Input Range, Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
Wide Input Range Dual Synchronous Buck Controller
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com