Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1850 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1850
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1850 Datasheet HTML 3Page - Analog Devices ADP1850 Datasheet HTML 4Page - Analog Devices ADP1850 Datasheet HTML 5Page - Analog Devices ADP1850 Datasheet HTML 6Page - Analog Devices ADP1850 Datasheet HTML 7Page - Analog Devices ADP1850 Datasheet HTML 8Page - Analog Devices ADP1850 Datasheet HTML 9Page - Analog Devices ADP1850 Datasheet HTML 10Page - Analog Devices ADP1850 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADP1850
Rev. 0 | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24 SW1
23 DH1
22 PGND1
21 DL1
20 DL2
19 PGND2
18 DH2
17 SW2
1
2
3
4
5
6
7
8
EN1
SYNC
VIN
VCCO
VDL
AGND
FREQ
EN2
ADP1850
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE BOTTOM EXPOSED PAD OF THE
LFCSP PACKAGE TO SYSTEM AGND PLANE.
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN1
Enable Input for Channel 1. Drive EN1 high to turn on the Channel 1 controller, and drive EN1 low to turn off the
Channel 1 controller. Tie EN1 to VIN for automatic startup. For a precision UVLO, put an appropriately sized
resistor divider from VIN to AGND and tie the midpoint to this pin.
2
SYNC
Frequency Synchronization Input. Accepts an external signal between 1× and 2.3× of the internal oscillator
frequency, f
SW, set by the FREQ pin. The controller operates in forced PWM when a signal is detected at SYNC or
when SYNC is high. The resulting switching frequency is ½ of the SYNC frequency. When SYNC is low or left
floating, the controller operates in pulse skip mode. For dual-phase operation, connect SYNC to a logic high or an
external clock.
3
VIN
Connect to Main Power Supply. Bypass with a 1 µF or larger ceramic capacitor connected as close to this pin as
possible and PGNDx.
4
VCCO
Output of the Internal Low Dropout Regulator (LDO). Bypass VCCO to AGND with a 1 μF or larger ceramic
capacitor. The VCCO output remains active even when EN1 and EN2 are low. For operation with VIN below 5 V,
VIN may be shorted to VCCO. Do not use the LDO to power other auxiliary system loads.
5
VDL
Power Supply for the Low-Side Driver. Bypass VDL to PGNDx with a 1 µF or greater ceramic capacitor. Connect
VCCO to VDL.
6
AGND
Analog Ground.
7
FREQ
Sets the desired operating frequency between 200 kHz and 1.5 MHz with one resistor between FREQ and AGND.
Connect FREQ to AGND for a preprogrammed 300 kHz or FREQ to VCCO for 600 kHz operating frequency.
8
EN2
Enable Input for Channel 2. Drive EN2 high to turn on the Channel 2 controller, and drive EN2 low to turn off the
Channel 2 controller. Tie EN2 to VIN for automatic startup. For a precision UVLO, put an appropriately sized
resistor divider from VIN to AGND, and tie the midpoint to this pin.
9
TRK2
Tracking Input for Channel 2. Connect TRK2 to VCCO if tracking is not used.
10
FB2
Output Voltage Feedback for Channel 2. Connect to Output 2 via a resistor divider.
11
COMP2
Compensation Node for Channel 2. Output of Channel 2 error amplifier. Connect a series resistor-capacitor
network from COMP2 to AGND to compensate the regulation control loop.
12
RAMP2
Connect a resistor from RAMP2 to VIN to set up a ramp current for slope compensation in Channel 2. The voltage
at RAMP2 is 0.2 V. This pin is high impedance when the channel is disabled.
13
SS2
Soft Start Input for Channel 2. Connect a capacitor from SS2 to AGND to set the soft start period. The node is
internally pulled up to 5 V with a 6.5 µA current source.
14
PGOOD2
Power Good. Open-drain power-good indicator logic output with an internal 12 kΩ resistor connected between
PGOOD2 and VCCO. PGOOD2 is pulled to ground when the Channel 2 output is outside the regulation window.
An external pull-up resistor is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com