| Electronic Components Datasheet Search |
|
HT83F02 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83F02 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc |
|
20 / 64 page ![]() HT83F02 Rev. 1.20 20 November 19, 2010 Pin-shared Functions The flexibility of the microcontroller range is greatly en- hanced by the use of pins that have more than one func- tion. Limited numbers of pins can force serious design constraints on designers but by supplying pins with multi-functions, many of these difficulties can be over- come. For some pins, the chosen function of the multi-function I/O pins is set by configuration options while for others the function is set by application pro- gram control. · Serial interface module The device pins, PB0~PB3, are pin-shared with pins SDAB, SCLB, SCSB, SCKB, SDIB, SDOB. The choice of which function is used is selected using the SIMC0B register. · Serial interface module The device pins, PB4~PB7, are pin-shared with pins SDAA, SCLA, SCSA, SCKA, SDIA, SDOA. The choice of which function is used is selected using the SIMC0A register. · I/O pin structures The following diagrams illustrate the I/O pin internal structures. As the exact logical construction of the I/O pin may differ from these drawings, they are supplied as a guide only to assist with the functional under- standing of the I/O pins. Note also that the specified pins refer to the largest device package, therefore not all pins specified will exist on all devices. V D D M U X R e a d D a t a R e g i s t e r D Q C K S D Q C K S C o n t r o l B i t P u l l - H i g h O p t i o n D a t a B u s W r i t e C o n t r o l R e g i s t e r C h i p R e s e t R e a d C o n t r o l R e g i s t e r W r i t e D a t a R e g i s t e r D a t a B i t A n a l o g S w i t c h O p t i o n W e a k P u l l - u p Q Q M U X P B 0 / S D O B / S D A B P B 1 / S C K B / S C L B P B 2 / S D I B P B 3 / S C S B P B 4 / S D O A / S D A A P B 5 / S C K A / S C L A P B 6 / S D I A P B 7 / S C S A P B 0 / S D O B / S D A B P B 1 / S C K B / S C L B P B 2 / S D I B P B 3 / S C S B P B 4 / S D O A / S D A A P B 5 / S C K A / S C L A P B 6 / S D I A P B 7 / S C S A PB Input/Output Port W a k e - u p O p t i o n S y s t e m W a k e - u p R e a d D a t a R e g i s t e r C o n t r o l B i t P u l l - H i g h O p t i o n D a t a B u s W r i t e C o n t r o l R e g i s t e r C h i p R e s e t R e a d C o n t r o l R e g i s t e r W r i t e D a t a R e g i s t e r D a t a B i t P A 0 ~ P A 7 W e a k P u l l - u p D Q C K S Q D Q C K S Q V D D M U X PA Input/Output Port |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |