Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83F02 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT83F02
Description  External Voice Memory Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F02 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT83F02 Datasheet HTML 26Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 27Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 28Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 29Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 30Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 31Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 32Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 33Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
HT83F02
Rev. 1.20
30
November 19, 2010
I
2C Interface
The I
2C bus is a bidirectional 2-line communication inter-
face originally developed by Philips. The possibility of
transmitting and receiving data on only 2 lines offers
many new application possibilities for microcontroller
based applications.
· I2C Interface Operation
As the I
2C interface pins are pin-shared with segment
pins and with the SPI function pins, the I
2C interface
must first be enabled by selecting the correct configu-
ration option.
There are two lines associated with the I
2C bus, the
first is known as SDA and is the Serial Data line, the
second is known as SCL line and is the Serial Clock
line. As many devices may be connected together on
the same bus, their outputs are both open drain types.
For this reason it is necessary that external pull-high
resistors are connected to these outputs. Note that no
chip select line exists, as each device on the I
2C bus is
identified by a unique address which will be transmit-
ted and received on the I
2C bus.
When two devices communicate with each other on
the bidirectional I
2C bus, one is known as the master
device and one as the slave device. Both master and
slave can transmit and receive data, however, it is the
master device that has overall control of the bus. For
this device, which only operates in slave mode, there
are two methods of transferring data on the I
2C bus,
the slave transmit mode and the slave receive mode.
· I2C Registers
There are three control registers associated with the
I
2C bus, SIMC0A/B, SIMC1A/B and SIMARA/B and
one data register, SIMDRA/B.
The SIMDRA/B register is used to store the data being
transmitted and received on the I
2C bus. Before the
microcontroller writes data to the I
2C bus, the actual
data to be transmitted must be placed in the
SIMDRA/B register. After the data is received from the
I
2C bus, the microcontroller can read it from the
SIMDRA/B register. Any transmission of data to the
I
2C bus or reception of data from the I2C bus must be
made via the SIMDRA/B register.
The SIMARA/B register is the location where the slave
address of the microcontroller is stored. Bits 1~7 of
the SIMARA/B register define the microcontroller
slave address. Bit 0 is not defined. When a master de-
vice, which is connected to the I
2C bus, sends out an
address, which matches the slave address in the
SIMARA/B register, the microcontroller slave device
will be selected.
Note that the SIMARA/B register is the same register
as SIMC2A/B which is used by the SPI interface.
The SIMC0A/B register is used for the I
2C overall
on/off control.
· I2C Configuration Option
There are several configuration options associated
with the I
2C interface. One of these is to enable the
RNICA/B bit function which selects the RNICA/B bit in
SIMC1A/B register. Another configuration option de-
termines the debounce time of the I
2C interface. This
add a debounce delay time to the external clock to re-
duce the possibility of glitches on the clock line caus-
ing erroneous operation. The debounce time if
selected can be chosen to be either 1 or 2 system
clocks.
S I M A R A / B R e g i s t e r
b 7
N o t i m p l e m e n t e d , r e a d a s " 0 "
I 2 C d e v i c e s l a v e a d d r e s s
b 0
S A 5 A / B
S A 4 A / B
S A 6 A / B
S A 0 A / B
S A 3 A / B
S A 2 A / B
S A 1 A / B
Slave Address Register
- SIMARA/B
S I M C 0 A / B R e g i s t e r
N o t i m p l e m e n t e d , r e a d a s " 0 "
I 2 C O n / O f f c o n t r o l
1 : e n a b l e
0 : d i s a b l e
N o t i m p l e m e n t e d
I 2 C M a s t e r / S l a v e a n d c l o c k c o n t r o l
S I M 2 A / B
S I M 1 A / B
S I M 0 A / B
b 0
S I M E N A / B
N o t u s e d
N o t u s e d
N o t u s e d
N o t u s e d
N o t u s e d
N o t u s e d
I 2 C m o d e
N o t u s e d
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
b 7
S I M 1 A / B
S I M 0 A / B
S I M 2 A / B
I
2C Control Register
- SIMC0A/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com