| Electronic Components Datasheet Search |
|
HT68F13 Datasheet(PDF) 53 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68F13 Datasheet(HTML) 53 Page - Holtek Semiconductor Inc |
|
53 / 161 page ![]() Pull-highResistors Many product applications require pull-high resistors for their switch inputs usually requiring the use of an external resistor. To eliminate the need for these external resistors, all I/O pins, when configured as an input have the capability of being connected to an internal pull-high resistor. These pull-high resistors are selected using registers PAPU~PDPU and are implemented using weak PMOS transistors. PAPU Register Bit 7 6 5 4 3 2 1 0 Name D7 D6 D5 D4 D3 D2 D1 D0 R/W R/W R/W R/W R/W R/W R/W R/W R/W POR 0 0 0 0 0 0 0 0 Bit7~0 I/OPortA bit7~bit0pull-highcontrol 0:disable 1:enable PBPU Register Bit 7 6 5 4 3 2 1 0 Name D7 D6 D5 D4 D3 D2 D1 D0 R/W R/W R/W R/W R/W R/W R/W R/W R/W POR 0 0 0 0 0 0 0 0 Bit7~0 I/OPortBbit7~bit0pull-highcontrol 0:disable 1:enable PCPU Register - HT68F13 Bit 7 6 5 4 3 2 1 0 Name ¾ ¾ ¾ ¾ ¾ ¾ D1 D0 R/W ¾ ¾ ¾ ¾ ¾ ¾ R/W R/W POR ¾ ¾ ¾ ¾ ¾ ¾ 0 0 Bit7~2 ²¾² Unimplemented,readas ²0² Bit1~0 I/OPortCbit1~bit0pull-highcontrol 0:disable 1:enable PCPU Register - HT68F14 Bit 7 6 5 4 3 2 1 0 Name ¾ ¾ ¾ ¾ D3 D2 D1 D0 R/W ¾ ¾ ¾ ¾ R/W R/W R/W R/W POR ¾ ¾ ¾ ¾ 0 0 0 0 Bit7~4 ²¾² Unimplemented,readas ²0² Bit3~0 I/OPortCbit3~bit0pull-highcontrol 0:disable 1:enable HT68F13/HT68F14/HT68F15 EnhancedI/OFlashType MCU Rev.1.10 53 February9,2011 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |