Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F13 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 15Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 16Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 17Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 18Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 161 page
background image
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fLIRC
SystemClock(LIRC)
5V
¾
-10%
32
+10%
kHz
2.2V~
5.5V
Ta=
-40°C~+85°C
-50%
32
+60%
kHz
fTIMER
TimerInputPinFrequency
¾
¾
¾
¾
1
fSYS
tRES
ExternalResetLowPulseWidth
¾
¾
1
¾
¾
ms
tINT
InterruptPulseWidth
¾
¾
1
¾
¾
tSYS
tLVR
LowVoltageWidthtoReset
¾
¾
120
240
480
ms
tLVD
LowVoltageWidthtoInterrupt
¾
¾
20
45
90
ms
tLVDS
LVDO stabletime
¾
¾
15
¾
¾
ms
tBGS
VBG TurnonStableTime
¾
¾
200
¾
¾
ms
tSST
SystemStart-upTimerPeriod
(Wake-upfromHALT)
¾
fSYS=HXT
¾
1024
¾
tSYS
fSYS=ERC or HIRC
¾
15~16
¾
fSYS=LIRC OSC
¾
1~2
¾
Note:
1. tSYS=1/fSYS
2.*For fERC,astheresistortolerancewillinfluencethefrequencyaprecisionresistorisrecommended.
3. To maintain the accuracy of the internal HIRC oscillator frequency, a 0.1
mF decoupling capacitor should be
connectedbetween VDD and VSS andlocatedasclosetothedeviceaspossible.
Power-onResetCharacteristics
Ta=25
°C
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD StartVoltagetoEnsure
Power-onReset
¾
¾
¾
¾
100
mV
RRVDD
VDD RaisingRatetoEnsure
Power-onReset
¾
¾
0.035
¾
¾
V/ms
tPOR
MinimumTimefor VDD Staysat
VPOR toEnsurePower-onReset
¾
¾
1
¾
¾
ms
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU
Rev.1.10
15
February9,2011
T i m e
V D D
V P O R
R R V D D
t P O R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com