Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F13 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 62Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 63Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 64Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 65Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 66Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 67Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 68Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 69Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 161 page
background image
The only way of changing the value of the 10-bit counter using the application program, is to clear the
counter by changing the TnON bit from low to high. The counter will also be cleared automatically by
a counter overflow or a compare match with one of its associated comparators. When these conditions
occur, a TM interrupt signal will also usually be generated. The Compact Type TM can operate in a
number of different operational modes, can be driven by different clock sources including an input pin
and can also control an output pin. All operating setup conditions are selected using relevant internal
registers.
Compact Type TM Register Description
Overall operation of the Compact TM is controlled using six registers. A read only register pair exists
to store the internal counter 10-bit value, while a read/write register pair exists to store the internal
10-bit CCRA value. The remaining two registers are control registers which setup the different
operating and control modes as well as the three CCRP bits.
CTM Register List
- HT68F14/HT68F15
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TM0C0
T0PAU
T0CK2
T0CK1
T0CK0
T0ON
T0RP2
T0RP1
T0RP0
TM0C1
T0M1
T0M0
T0IO1
T0IO0
T0OC
T0POL
T0DPX
T0CCLR
TM0DL
D7
D6
D5
D4
D3
D2
D1
D0
TM0DH
¾¾¾¾¾¾
D9
D8
TM0AL
D7
D6
D5
D4
D3
D2
D1
D0
TM0AH
¾¾¾¾¾¾
D9
D8
10-bit Compact TM Register List
TM0DL Register
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
RRRRRRRR
POR
00000000
Bit 7~0
TM0DL: TM0 Counter Low Byte Register bit 7 ~ bit 0
TM0 10-bit Counter bit 7 ~ bit 0
TM0DH Register
Bit
76543210
Name
¾¾¾¾¾¾
D9
D8
R/W
¾¾¾¾¾¾
RR
POR
¾¾¾¾¾¾
00
Bit 7~2
Unimplemented, read as
²0²
Bit 1~0
TM0DH: TM0 Counter High Byte Register bit 1 ~ bit 0
TM0 10-bit Counter bit 9 ~ bit 8
HT68F13/HT68F14/HT68F15
Enhanced I/O Flash Type MCU
Rev. 1.10
66
February 9, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com