Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F13 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 37Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 38Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 39Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 40Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 41Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 42Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 43Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 44Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 161 page
background image
Under normal program operation, a Watchdog Timer time-out will initialise a device reset and set the
status bit TO. However, if the system is in the SLEEP or IDLE Mode, when a Watchdog Timer
time-out occurs, the TO bit in the status register will be set and only the Program Counter and Stack
Pointer will be reset. Three methods can be adopted to clear the contents of the Watchdog Timer. The
first is an external hardware reset, which means a low level on the RES pin, the second is using the
Watchdog Timer software clear instructions and the third is via a HALT instruction.
There are two methods of using software instructions to clear the Watchdog Timer, one of which must
be chosen by configuration option. The first option is to use the single
²CLR WDT² instruction while
the second is to use the two commands
²CLR WDT1² and ²CLR WDT2². For the first option, a simple
execution of
²CLR WDT² will clear the WDT while for the second option, both ²CLR WDT1² and
²CLR WDT2² must both be executed alternately to successfully clear the Watchdog Timer. Note that
for this second option, if
²CLR WDT1² is used to clear the Watchdog Timer, successive executions of
this instruction will have no effect, only the execution of a
²CLR WDT2² instruction will clear the
Watchdog Timer. Similarly after the
²CLR WDT2² instruction has been executed, only a successive
²CLR WDT1² instruction can clear the Watchdog Timer.
The maximum time out period is when the 2
15division ratio is selected. As an example, with a 32kHz
LIRC oscillator as its source clock, this will give a maximum watchdog period of around 1 second for
the 2
15 division ratio, and a minimum timeout of 7.8ms for the 28 division ration. If the f
SYS/4 clock is
used as the Watchdog Timer clock source, it should be noted that when the system enters the SLEEP or
IDLE0 Mode, then the instruction clock is stopped and the Watchdog Timer may lose its protecting
purposes. For systems that operate in noisy environments, using the fSUB clock source is strongly
recommended.
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU
Rev.1.10
41
February9,2011
8 - s t a g e D i v i d e r
f S
W D T T i m e - o u t
( 2 8 / f S ~ 2 1 5 / f S )
f S / 2 8
W D T P r e s c a l e r
8 - t o - 1 M U X
C l e a r W D T T y p e
C o n f i g u r a t i o n O p t i o n
C L R W D T 1 F l a g
C L R W D T 2 F l a g
1 o r 2 I n s t r u c t i o n s
C L R
f S U B
W S 2 ~ W S 0
( f S / 2 8 ~ f S / 2 1 5 )
M
U
X
f S Y S / 4
C o n f i g u r a t i o n
O p t i o n
WatchdogTimer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com