Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F13 Datasheet(PDF) 122 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 122 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 118Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 119Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 120Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 121Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 122Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 123Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 124Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 125Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 126Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 161 page
background image
ConfigurationOptions
Configuration options refer to certain options within the MCU that are programmed into the device
during the programming process. During the development process, these options are selected using the
HT-IDE software development tools. As these options are programmed into the device using the
hardware programming tools, once they are selected they cannot be changed later using the application
program. All options must be defined for proper system function, the details of which are shown in the
table.
No.
Options
OscillatorOptions
1
HighSpeedSystemOscillatorSelection- fH: HXT, ERC, HIRC
2
HighSpeedInternalRCFrequencySelection:4MHz,8MHzor12MHz
ResetPinOptions
3
Pinfunction: RES orPB3
WatchdogOptions
4
WatchdogTimer:enableordisable
5
WatchdogTimerclocksourceSelection: fSUB or fSYS/4
Note:The fSUB andthe fTBC clocksourcearethe LIRC oscillator.
6
CLRWDT instructions:1or2instructions
LVR Options
7
LVR function:enableordisable
8
LVR voltage:2.10V,2.55V,3.15Vor4.2V
ApplicationCircuits
Note:
²*² Itisrecommendedthatthiscomponentisaddedforadded ESD protection.
²**² Itisrecommendedthatthiscomponentisaddedinenvironmentswherepowerlinenoiseissignificant.
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashTypeMCU
Rev.1.10
122
February9,2011
O S C 1
O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
R E S
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
3 0 0 W *
0 . 0 1 m F * *
1 N 4 1 4 8 *
P A 4 ~ P A 7
P B 0 , P B 4 ~ P B 7
P C 0 ~ P C 7
P D 0 ~ P D 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com