Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2123 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 48Page - NXP Semiconductors PCF2123 Datasheet HTML 49Page - NXP Semiconductors PCF2123 Datasheet HTML 50Page - NXP Semiconductors PCF2123 Datasheet HTML 51Page - NXP Semiconductors PCF2123 Datasheet HTML 52Page - NXP Semiconductors PCF2123 Datasheet HTML 53Page - NXP Semiconductors PCF2123 Datasheet HTML 54Page - NXP Semiconductors PCF2123 Datasheet HTML 55Page - NXP Semiconductors PCF2123 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
52 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
17. Handling information
All input and output pins are protected against ElectroStatic Discharge (ESD) under
normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that
all normal precautions are taken as described in JESD625-A, IEC 61340-5 or equivalent
standards.
18. Packing information
[1]
Wafer mapping information will be distributed to customer’s ftp server.
(1) Die marking code.
Seal ring plus gap to active circuit ~18
μm.
Fig 36. PCF2123Ux wafer information
013aaa232
Saw lane
~18
μm
45
μm
70
μm
~18
μm
detail X
1.449 mm
1.492 mm
1
1
1
1
X
straight edge
of the wafer
(1)
Table 50.
PCF2123Ux wafer information
Type number
Wafer thickness (
μm) Wafer diameter
Marking of bad die
PCF2123U/5GA/1
687
6 inch
wafer mapping[1]
PCF2123U/10AA/1
200
6 inch
inking
PCF2123U/12AA/1
200
6 inch
wafer mapping[1]
PCF2123U/12HA/1
150
6 inch
inking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com