Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F36506NFB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F36506NFB
Description  This MCU consumes low power, and supports operating modes
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36506NFB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F36506NFB Datasheet HTML 2Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 3Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 4Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 5Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 6Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 7Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 8Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 9Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 115 page
background image
R01DS0031EJ0200 Rev.2.00
Page 6 of 111
Feb 07, 2011
M16C/65 Group
1. Overview
1.3
Product List
Table 1.5 and Table 1.6 list product information. Figure 1.1 shows the Part No., with Memory Size and
Package, and Figure 1.2 shows the Marking Diagram (Top View).
(D): Under development
(P): Planning
Previous package codes are as follows:
PLQP0128KB-A: 128P6Q-A
PRQP0100JD-B: 100P6F-A
PLQP0100KB-A: 100P6Q-A
Table 1.5
Product List (1/2)
As of December, 2010
Part No.
ROM Capacity
RAM
Capacity
Package Code
Remarks
Program
ROM 1
Program
ROM 2
Data flash
R5F36506NFA
128 KB
16 KB
4 KB
× 2 blocks
12 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36506NFB
PLQP0100KB-A
R5F36506DFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36506DFB
PLQP0100KB-A
R5F3651ENFC
256 KB
16 KB
4 KB
× 2 blocks
20 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650ENFA
PRQP0100JD-B
R5F3650ENFB
PLQP0100KB-A
R5F3651EDFC
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650EDFA
PRQP0100JD-B
R5F3650EDFB
PLQP0100KB-A
R5F3651KNFC
384 KB
16 KB
4 KB
× 2 blocks
31 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650KNFA
PRQP0100JD-B
R5F3650KNFB
PLQP0100KB-A
R5F3651KDFC
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650KDFA
PRQP0100JD-B
R5F3650KDFB
PLQP0100KB-A
R5F3651MNFC
512 KB
16 KB
4 KB
× 2 blocks
31 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650MNFA
PRQP0100JD-B
R5F3650MNFB
PLQP0100KB-A
R5F3651MDFC
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650MDFA
PRQP0100JD-B
R5F3650MDFB
PLQP0100KB-A
R5F3651NNFC
512 KB
16 KB
4 KB × 2
blocks
47 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650NNFA
PRQP0100JD-B
R5F3650NNFB
PLQP0100KB-A
R5F3651NDFC
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650NDFA
PRQP0100JD-B
R5F3650NDFB
PLQP0100KB-A
R5F3651RNFC
640 KB
16 KB
4 KB
× 2 blocks
47 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650RNFA
PRQP0100JD-B
R5F3650RNFB
PLQP0100KB-A
R5F3651RDFC
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650RDFA
PRQP0100JD-B
R5F3650RDFB
PLQP0100KB-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com