Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F36506NFB Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R5F36506NFB
Description  This MCU consumes low power, and supports operating modes
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36506NFB Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R5F36506NFB Datasheet HTML 91Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 92Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 93Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 94Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 95Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 96Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 97Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 98Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 115 page
background image
R01DS0031EJ0200 Rev.2.00
Page 95 of 111
Feb 07, 2011
M16C/65 Group
5. Electrical Characteristics
VCC1 = VCC2 = 3 V
Timing Requirements
(VCC1 = VCC2 = 3 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.3.2.5
Serial Interface
Figure 5.25
Serial Interface
5.3.2.6
External Interrupt
INTi Input
Figure 5.26
External Interrupt
INTi Input
Table 5.57
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi input cycle time
300
ns
tw(CKH)
CLKi input high pulse width
150
ns
tw(CKL)
CLKi input low pulse width
150
ns
td(C-Q)
TXDi output delay time
160
ns
th(C-Q)
TXDi hold time
0ns
tsu(D-C)
RXDi input setup time
100
ns
th(C-D)
RXDi input hold time
90
ns
Table 5.58
External Interrupt
INTi Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(INH)
INTi input high pulse width
380
ns
tw(INL)
INTi input low pulse width
380
ns
CLKi
TXDi
RXDi
tc(CK)
t w(CKH)
t w(CKL)
th(C-Q)
td(C-Q)
tsu(D-C)
th(C-D)
INTi input
t w(INL)
t w(INH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com