Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F36506NFB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F36506NFB
Description  This MCU consumes low power, and supports operating modes
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36506NFB Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F36506NFB Datasheet HTML 1Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 2Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 3Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 4Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 5Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 6Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 7Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 8Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
R01DS0031EJ0200 Rev.2.00
Page 1 of 111
Feb 07, 2011
M16C/65 Group
RENESAS MCU
R01DS0031EJ0200
Rev.2.00
Feb 07, 2011
Datasheet
1.
Overview
1.1
Features
The M16C/65 Group microcomputer (MCU) incorporates the M16C/60 Series CPU core and flash
memory, employing sophisticated instructions for a high level of efficiency. This MCU has 1 MB of address
space (expandable to 4 MB), and it is capable of executing instructions at high speed. In addition, the
CPU core boasts a multiplier for high-speed operation processing.
This MCU consumes low power, and supports operating modes that allow additional power control. The
MCU also uses an anti-noise configuration to reduce emissions of electromagnetic noise and is designed
to withstand electromagnetic interference (EMI). By integrating many of the peripheral functions, including
the multifunction timer and serial interface, the number of system components has been reduced.
1.1.1
Applications
This MCU can be used in audio components, cameras, televisions, household appliances, office
equipment, communication devices, mobile devices, industrial equipment, and other applications.


Similar Part No. - R5F36506NFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F36506NFB RENESAS-R5F36506NFB Datasheet
10Mb / 829P
RENESAS MCU M16C FAMILY / M16C/60
R5F36506NFB RENESAS-R5F36506NFB Datasheet
1Mb / 112P
RENESAS MCU
R5F36506NFB RENESAS-R5F36506NFB Datasheet
999Kb / 115P
RENESAS MCU
R5F36506NFB RENESAS-R5F36506NFB Datasheet
999Kb / 115P
RENESAS MCU
More results

Similar Description - R5F36506NFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F364A6NFA RENESAS-R5F364A6NFA Datasheet
747Kb / 92P
This MCU consumes low power, and supports operating modes
R5F363A6NFA RENESAS-R5F363A6NFA_11 Datasheet
918Kb / 119P
This MCU consumes low power, and supports operating modes
R5F36CAMNFA RENESAS-R5F36CAMNFA_11 Datasheet
769Kb / 99P
This MCU consumes low power, and supports operating modes that allow additional
logo
STMicroelectronics
AN2476 STMICROELECTRONICS-AN2476 Datasheet
665Kb / 49P
STR75x low power modes
09-Jul-2007
AN4365 STMICROELECTRONICS-AN4365 Datasheet
830Kb / 35P
Using STM32F4 MCU power modes with best dynamic efficiency
12-May-2014
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI Datasheet
456Kb / 19P
Operating supply modes
logo
CML Microcircuits
FX929B CMLMICRO-FX929B Datasheet
1Mb / 48P
Flexible Operating Modes
logo
Microchip Technology
LAN89730 MICROCHIP-LAN89730 Datasheet
1Mb / 218P
Implements Reduced Power Operating Modes
07/14/15
logo
STMicroelectronics
LSM330 STMICROELECTRONICS-LSM330 Datasheet
1Mb / 75P
Power-down and sleep modes
09-Dec-2103
AN2629 STMICROELECTRONICS-AN2629 Datasheet
468Kb / 43P
low-power modes
30-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com