Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F36506NFB Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R5F36506NFB
Description  This MCU consumes low power, and supports operating modes
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36506NFB Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R5F36506NFB Datasheet HTML 23Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 24Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 25Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 26Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 27Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 28Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 29Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 30Page - Renesas Technology Corp R5F36506NFB Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 115 page
background image
R01DS0031EJ0200 Rev.2.00
Page 27 of 111
Feb 07, 2011
M16C/65 Group
2. Central Processing Unit (CPU)
2.8.7
Interrupt Enable Flag (I Flag)
The I flag enables maskable interrupts.
Maskable interrupts are disabled when the I flag is 0, and enabled when it is 1. The I flag becomes 0
when an interrupt request is accepted.
2.8.8
Stack Pointer Select Flag (U Flag)
ISP is selected when the U flag is 0. USP is selected when the U flag is 1.
The U flag becomes 0 when a hardware interrupt request is accepted, or the INT instruction of software
interrupt number 0 to 31 is executed.
2.8.9
Processor Interrupt Priority Level (IPL)
IPL is 3 bits wide and assigns processor interrupt priority levels from 0 to 7.
If a requested interrupt has higher priority than IPL, the interrupt request is enabled.
2.8.10
Reserved Areas
Only set these bits to 0. The read value is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com