Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHCS362G Datasheet(PDF) 42 Page - Microchip Technology

Part # RFHCS362G
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362G Datasheet(HTML) 42 Page - Microchip Technology

Back Button RFHCS362G Datasheet HTML 38Page - Microchip Technology RFHCS362G Datasheet HTML 39Page - Microchip Technology RFHCS362G Datasheet HTML 40Page - Microchip Technology RFHCS362G Datasheet HTML 41Page - Microchip Technology RFHCS362G Datasheet HTML 42Page - Microchip Technology RFHCS362G Datasheet HTML 43Page - Microchip Technology RFHCS362G Datasheet HTML 44Page - Microchip Technology RFHCS362G Datasheet HTML 45Page - Microchip Technology RFHCS362G Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
rfHCS362G/362F
DS41189B-page 42
© 2011 Microchip Technology Inc.
10.0 DC CHARACTERISTICS
TABLE 10-1:
ENCODER DC CHARACTERISTICS
Industrial
(I): TAMB = -40
° C to +85 ° C
2.0V < VDD < 6.3
Parameter
Sym.
Min.
Typ.(1)
Max.
Unit
Conditions
Operating current (avg.)
ICC
—0.3
1.2
mA
VDD = 6.3V
Standby current
ICCS
—0.1
1.0
μAVDD = 6.3V
High level Input voltage
VIH
0.65 VDD
—VDD + 0.3
V
VDD = 2.0V
Low level input voltage
VIL
-0.3
0.15 VDD
VVDD = 2.0V
High level output voltage
VOH
0.7 VDD
0.7 VDD
——
V
IOH = -1.0 mA, VDD = 2.0V
IOH = -2.0 mA, VDD = 6.3V
Low level output voltage
VOL
0.15 VDD
0.15 VDD
VIOL = 1.0 mA, VDD = 2.0V
IOL = 2.0 mA, VDD = 6.3V
RFEN pin high drive
IRFEN
0.5
1.0
1
2.5
3.0
5.0
mA
VRFEN = 1.4V VDD = 2.0V
VRFEN = 4.4V VDD = 6.3V
LED sink current
ILEDL
ILEDH
1.0
2.0
3.5
4.5
6.0
7.0
mA
mA
VLED = 1.5V, VDD = 3.0V
VLED = 1.5V, VDD = 6.3V
Pull-down Resistance; S0-S3
RS0-3
40
60
80
K
Ω
VDD = 4.0V
Pull-down Resistance; PWM
RPWM
80
120
160
K
Ω
VDD = 4.0V
Note 1: Typical values are at 25
° C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com