Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHCS362G Datasheet(PDF) 15 Page - Microchip Technology

Part # RFHCS362G
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362G Datasheet(HTML) 15 Page - Microchip Technology

Back Button RFHCS362G Datasheet HTML 11Page - Microchip Technology RFHCS362G Datasheet HTML 12Page - Microchip Technology RFHCS362G Datasheet HTML 13Page - Microchip Technology RFHCS362G Datasheet HTML 14Page - Microchip Technology RFHCS362G Datasheet HTML 15Page - Microchip Technology RFHCS362G Datasheet HTML 16Page - Microchip Technology RFHCS362G Datasheet HTML 17Page - Microchip Technology RFHCS362G Datasheet HTML 18Page - Microchip Technology RFHCS362G Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
© 2011 Microchip Technology Inc.
DS41189B-page 15
rfHCS362G/362F
3.1.4.2
Button Queue Information (QUEUE)
The queue bits indicate a button combination was
pressed again within 2 s after releasing the previous
activation. Queuing or repeated pressing of the same
buttons (or button combination) is detected by the
rfHCS362 button debouncing circuitry.
The Queue bits are added as the last two bits of the
standard code word. The queue bits are a 2-bit counter
that does not wrap. The counter value starts at ‘00b’
and is incremented if a button is pushed within 2 s of
the previous button press. The current code word is ter-
minated when the buttons are queued. This allows
additional functionality for repeated button presses.
The button inputs are sampled every 6.4 ms during this
2 s period.
00
- first activation
01
- second activation
10
- third activation
11
- from fourth activation on
3.1.4.3
Time BITS
The time bits (Figure 3-5) indicate the duration that the
inputs were activated:
00
- immediate
01
- after 0.8 s
10
- after 1.6 s
11
- after 2.4 s
The TIME bits are incremented every 0.8 s and will not
wrap once it reaches ‘11’.
Time information is alternative to the CRC bits availabil-
ity and is selected by the CTSEL configuration bit.
FIGURE 3-5:
TIME BITS OPERATION
3.1.4.4
Cyclic Redundancy Check (CRC)
The CRC bits are calculated on the 65 previously trans-
mitted bits. The decoder can use the CRC bits to check
the data integrity before processing starts. The CRC
can detect all single bit errors and 66% of double bit
errors. The CRC is computed as follows:
EQUATION 3-1:
CRC Calculation
and
with
and Din the nth transmission bit 0 ≤n ≤64
TTD
Time
DATA
= One Code Word
Time bits = 00
Time bits set internally to 01
Time bits actually output
Time bits set internally to 10
Time bits actually output
0 s
0.8 s
1.6 s
2.4 s
S[3210]
CRC 1
[]n1
+
CRC 0
[]n Din
=
CRC 0
[]n1
+
CRC 0
[]n Din
()
CRC 1
[]n
=
CRC 1 0
,
[]0
0
=
Warning: The CRC may be wrong when the battery
voltage is near the selected VLOW trip point.
This may happen because VLOW is sam-
pled twice each transmission, once for the
CRC calculation and once when VLOW is
transmitted. VDD tends to move slightly dur-
ing a transmission which could lead to a dif-
ferent value for VLOW being used for the
CRC calculation and the transmission.
Work around: If the CRC is incorrect,
recalculate for the opposite value of VLOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com