Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHCS362G Datasheet(PDF) 43 Page - Microchip Technology

Part # RFHCS362G
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362G Datasheet(HTML) 43 Page - Microchip Technology

Back Button RFHCS362G Datasheet HTML 39Page - Microchip Technology RFHCS362G Datasheet HTML 40Page - Microchip Technology RFHCS362G Datasheet HTML 41Page - Microchip Technology RFHCS362G Datasheet HTML 42Page - Microchip Technology RFHCS362G Datasheet HTML 43Page - Microchip Technology RFHCS362G Datasheet HTML 44Page - Microchip Technology RFHCS362G Datasheet HTML 45Page - Microchip Technology RFHCS362G Datasheet HTML 46Page - Microchip Technology RFHCS362G Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
© 2011 Microchip Technology Inc.
DS41189B-page 43
rfHCS362G/362F
FIGURE 10-1:
POWER-UP AND TRANSMIT TIMING
TABLE 10-2:
POWER-UP AND TRANSMIT TIMING REQUIREMENTS(3)
VDD = +2.0 to 6.3V
Industrial(I):TAMB = -40
° C to +85 ° C
Parameter
Symbol
Min.
Typical
Max.
Unit
Remarks
Transmit delay from button detect
TTD
26
30
40
ms
(Note 1)
Debounce delay
TDB
18
20
22
ms
Auto-shutoff time-out period (TIMO=10)
TTO
23.4
25.6
28.16
s
(Note 2)
Button press to RFEN
TPU
20
26
38
ms
RFEN to code word
TPLL
246
ms
LED on after key press
TLED
25
45
ms
Time to terminate code word from previous
button press
TTP
10 ms
Note 1: Transmit delay maximum value if the previous transmission was successfully transmitted.
2: The Auto-shutoff time-out period is not tested.
3: These values are characterized but not tested
SN
TDB
DATA
TTD
TTO
Code Word
1
Code Word
2
Code Word
3
Code Word
n
TTP
Button Press
Detect
RFEN
LED
TPLL
TLED
1 TE
Code Word from previous button press



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com