| Electronic Components Datasheet Search |
|
RFHCS362G Datasheet(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RFHCS362G Datasheet(HTML) 19 Page - Microchip Technology |
|
19 / 54 page ![]() © 2011 Microchip Technology Inc. DS41189B-page 19 rfHCS362G/362F 3.5 RF Enable and Transmitter Interface The S3/RFENOUT pin of the rfHCS362 can be config- ured to function as an RF Enable output signal. This is selected by the RF Enable Output (RFEN) configura- tion option as described in Section 4.5.13. When enabled, this pin will be driven HIGH before data is transmitted through the DATA pin. The RFENOUT and DATA pins are synchronized to interface with the transmitter. Figure 3-11 shows the start-up sequence. A button is debounced and the EEPROM counter advanced during the power-up delay (TPU). Then the RFENOUT pin goes high to enable the transmitter. The DATA output is delayed to give the transmitter crystal oscillator and PLL time to startup (TPLL). The RFENOUT signal will go LOW one guard time after the end of the last code word. When the RF Enable output is selected, the S3 pin can still be used as a button input. However, only minimum code words will be transmitted. An alternative solution for more than three push buttons can be the switching diode circuit described in Section 1.2. In typical implementations of the rfHCS362G/362F, the encoder RFENOUT pin is connected to the transmitter RFENIN pin. FIGURE 3-11: PLL INTERFACE S[3210] RFENOUT DATA TPLL Guard Time 1st CODE WORD TG Button Press Button Release 2nd CODE WORD TPU |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |