Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHCS362G Datasheet(PDF) 9 Page - Microchip Technology

Part # RFHCS362G
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362G Datasheet(HTML) 9 Page - Microchip Technology

Back Button RFHCS362G Datasheet HTML 5Page - Microchip Technology RFHCS362G Datasheet HTML 6Page - Microchip Technology RFHCS362G Datasheet HTML 7Page - Microchip Technology RFHCS362G Datasheet HTML 8Page - Microchip Technology RFHCS362G Datasheet HTML 9Page - Microchip Technology RFHCS362G Datasheet HTML 10Page - Microchip Technology RFHCS362G Datasheet HTML 11Page - Microchip Technology RFHCS362G Datasheet HTML 12Page - Microchip Technology RFHCS362G Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
© 2011 Microchip Technology Inc.
DS41189B-page 9
rfHCS362G/362F
TABLE 2-1:
rfHCS362G/362F PINOUT DESCRIPTION
Name
SOIC
Pin #
SSOP
Pin #
I/O/P
Type
Description
ANT1
10
11
O
Antenna connection to differential power amplifier output, open
collector.
ANT2
9
10
O
Antenna connection to differential power amplifier output, open
collector.
CLKOUT
6
7
O
Clock output.
DATA
17
19
I/O
Encoder data output pin or serial programming.
DATAFSK
15
I
FSK data input.
FSKOUT
16
O
FSK crystal pulling output.
LED/SHIFT
2
2
I/O
Current limited LED driver. Input sampled before LED driven.
LF
13
14
External loop filter connection. Common node of charge pump
output and VCO tuning input.
PS/DATAASK
7
8
I
Power select and ASK data input.
RFENIN
5
6
I
Transmitter and CLKOUT enable. Internal pull-down.
S0
3
3
I
Switch input 0 with internal pull-down.
S1
4
4
I
Switch input 1 with internal pull-down.
S2
15
17
I
Switch input 2 with internal pull-down or Schmitt Trigger clock
input during serial programming.
S3/RFEN
16
18
I/O
Switch input 3 with internal pull-down or RF enable output as
selected by RFEN option in configuration word SEED_3.
VDD
1
1
P
Positive supply for encoder
VDDRF
8
9
P
Positive supply for transmitter.
VSS
18
20
P
Ground reference for encoder
VSSRF
11
12
P
Ground reference for transmitter.
XTAL
14
5
I
Transmitter crystal connection to Colpitts type crystal oscillator.
Legend: I = input, O = output, I/O = input/output, P = power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com