Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX536AVV8C Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8C
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 18Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 19Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 20Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 21Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 22Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 23Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 25Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 178 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
22
Freescale Semiconductor
Electrical Characteristics
4.1.4
External Clock Sources
The i.MX53xA device has four external input system clocks, a low frequency (CKIL), a high frequency
(XTAL), and two general purpose CKIH1 and CKIH2 clocks.
The CKIL is used for low-frequency functions. It supplies the clock for wake-up circuit, power-down real
time clock operation, and slow system and watch-dog counters. The clock input can be connected to either
external oscillator or a crystal using internal oscillator amplifier.
The system clock input XTAL is used to generate the main system clock. It supplies the PLLs and other
peripherals. The system clock input can be connected to either external oscillator or a crystal using internal
oscillator amplifier.
CKIH1 and CKIH2 provide additional clock source option for peripherals that require specific and
accurate frequencies.
Table 7 shows the interface frequency requirements. Refer to Chapter 1 of the i.MX53 System
Development User's Guide for additional clock and oscillator information. Document number is
MX53UG.
4.1.5
Maximal Supply Currents
Table 8 represents the maximal momentary current transients on power lines, and should be used for power
supply selection. Maximal currents higher by far than the average power consumption of typical use cases.
For typical power consumption information, refer to i.MX53xA power consumption application note.
11 Lifetime of 43,800 hours based on 105 C junction temperature at nominal supply voltages.
Table 7. External Input Clock Frequency
Parameter Description
Symbol
Min
Typ
Max
Unit
CKIL Oscillator1
1 External oscillator or a crystal with internal oscillator amplifier.
fckil
—
32.7682/32.0
2 Recommended nominal frequency 32.768 kHz.
—kHz
CKIH1, CKIH2 Operating
Frequency
fckih1,
fckih2
See Table 32, "CAMP Electrical Parameters (CKIH1,
CKIH2)," on page 46
MHz
XTAL Oscillator
fxtal
22
24
27
MHz
Table 8. Maximal Supply Currents
Power Line
Conditions
Max Current
Unit
VDDGP
800 MHz ARM clock.
1450
mA
VCC
800
mA
VDDA+VDDAL1
100
mA
VDD_DIG_PLL
10
mA
VP
20
mA
VDD_ANA_PLL
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com