Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX536AVV8C Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8C
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 27Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 28Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 29Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 30Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 31Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 32Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 33Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 34Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 178 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
Freescale Semiconductor
31
4.3.2.3
DDR3 Mode I/O DC Parameters
The DDR3 interface fully complies with JESD79-3D DDR3 JEDEC standard release April, 2008. The
parameters in Table 13 are guaranteed per the operating ranges in Table 6, unless otherwise noted.
Differential Input Logic High
Vih(diff)
0.26
See Note2
Differential Input Logic Low
Vil(diff)
See Note2
-0.26
Input current (no pull-up/down)
Iin
Vin = 0 V
Vin=OVDD
—
—
—
—
1
1
μA
Pull-up/Pull-down impedance Mismatch
-15
+15
%
240 Ohm unit calibration resolution
10
Ohm
Keeper Circuit Resistance
—
—
—
1403
—k
Ω
1 Note that the JEDEC LPDDR2 specification (JESD209_2B) supersedes any specification in this document.
2 The single-ended signals need to be within the respective limits (Vih(dc) max, Vil(dc) min) for single-ended signals as well as
the limitations for overshoot and undershoot.
3 Use an off-chip pull resistor of less than 60 k
Ω to override this keeper.
Table 13. DDR3 I/O DC Electrical Parameters
Parameters
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage
Voh
—
0.8*OVDD1
1 OVDD – I/O power supply (1.425 V–1.575 V for DDR3)
——
V
Low-level output voltage
Vol
—
—
—
0.2*OVDD
V
DC input Logic High
VIH(dc)
—
Vref2+0.1
2 Vref – DDR3 external reference voltage
—OVDD
V
DC input Logic Low
VIL(dc)
—
OVSS
—
Vref-0.1
V
Differential input Logic High
VIH(diff)
—
0.2
—
See Note3
V
Differential input Logic Low
VIL(diff)
—
See Note3
—-0.2
V
Over/undershoot peak
Vpeak
—
—
—
0.4
V
Over/undershoot area
(above OVDD or below OVSS)
Varea
—
—
—
0.67
V x
nS
Termination Voltage
Vtt
Vtt tracking OVDD/2
0.49*OVDD
Vref
0.51*OVDD
V
Input current (no pull-up/down)
Iin
VI = 0 V
VI=OVDD
—
—
—
—
1
1
μA
Pull-up/Pull-down impedance mismatch
—
Minimum impedance
configuration
——
3
Ω
240
Ω unit calibration resolution
—
—
—
—
10
Ω
Keeper Circuit Resistance
—
—
—
1304
—k
Ω
Table 12. LPDDR2 I/O DC Electrical Parameters1 (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com